Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 253Page - Renesas Technology Corp R28 Datasheet HTML 254Page - Renesas Technology Corp R28 Datasheet HTML 255Page - Renesas Technology Corp R28 Datasheet HTML 256Page - Renesas Technology Corp R28 Datasheet HTML 257Page - Renesas Technology Corp R28 Datasheet HTML 258Page - Renesas Technology Corp R28 Datasheet HTML 259Page - Renesas Technology Corp R28 Datasheet HTML 260Page - Renesas Technology Corp R28 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 238 of 441
REJ09B0279-0210
15.1
Clock Synchronous Serial I/O Mode
In clock synchronous serial I/O mode, data is transmitted and received using a transfer clock.
Table 15.1 lists the Specifications of Clock Synchronous Serial I/O Mode. Table 15.2 lists the Registers Used and
Settings in Clock Synchronous Serial I/O Mode.
NOTES:
1. If an external clock is selected, ensure that the external clock is “H” when the CKPOL bit in the UiC0
register is set to 0 (transmit data output at falling edge and receive data input at rising edge of
transfer clock), and that the external clock is “L” when the CKPOL bit is set to 1 (transmit data output
at rising edge and receive data input at falling edge of transfer clock).
2. If an overrun error occurs, the receive data (b0 to b8) of the U0RB register will be undefined. The IR
bit in the SiRIC register remains unchanged.
Table 15.1
Specifications of Clock Synchronous Serial I/O Mode
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clocks
• CKDIR bit in U0MR register is set to 0 (internal clock): fi/(2(n+1))
fi = f1, f8, f32 n = value set in U0BRG register: 00h to FFh
• The CKDIR bit is set to 1 (external clock): input from CLK0 pin
Transmit start conditions
• Before transmission starts, the following requirements must be met(1)
- The TE bit in the U0C1 register is set to 1 (transmission enabled)
- The TI bit in the U0C1 register is set to 0 (data in the U0TB register)
Receive start conditions
• Before reception starts, the following requirements must be met(1)
- The RE bit in the U0C1 register is set to 1 (reception enabled)
- The TE bit in the U0C1 register is set to 1 (transmission enabled)
- The TI bit in the U0C1 register is set to 0 (data in the U0TB register)
Interrupt request
generation timing
• When transmitting, one of the following conditions can be selected
- The U0IRS bit is set to 0 (transmit buffer empty):
When transferring data from the U0TB register to UART0 transmit
register (when transmission starts).
- The U0IRS bit is set to 1 (transmission completes):
When completing data transmission from UART0 transmit register.
• When receiving
When data transfer from the UART0 receive register to the U0RB register
(when reception completes).
Error detection
• Overrun error(2)
This error occurs if the serial interface starts receiving the next data item
before reading the U0RB register and receives the 7th bit of the next data.
Select functions
• CLK polarity selection
Transfer data input/output can be selected to occur synchronously with
the rising or the falling edge of the transfer clock.
• LSB first, MSB first selection
Whether transmitting or receiving data begins with bit 0 or begins with bit 7
can be selected.
• Continuous receive mode selection
Receive is enabled immediately by reading the U0RB register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com