Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 251Page - Renesas Technology Corp R28 Datasheet HTML 252Page - Renesas Technology Corp R28 Datasheet HTML 253Page - Renesas Technology Corp R28 Datasheet HTML 254Page - Renesas Technology Corp R28 Datasheet HTML 255Page - Renesas Technology Corp R28 Datasheet HTML 256Page - Renesas Technology Corp R28 Datasheet HTML 257Page - Renesas Technology Corp R28 Datasheet HTML 258Page - Renesas Technology Corp R28 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 236 of 441
REJ09B0279-0210
Figure 15.6
Registers U0C1 to U1C1
UARTi Transmit/Receive Control Register 1 (i = 0 or 1)
Symbol
Address
After Reset
U0C1
00A5h
00000010b
U1C1
00ADh
00000010b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
b0
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Transmit enable bit(1)
0 : Disables transmission
1 : Enables transmission
Transmit buffer empty flag
0 : Disables reception
1 : Enables reception
UiIRS
b3 b2 b1
—
Receive enable bit
b7 b6 b5 b4
RW
TI
RO
0 : Data in UiTB register
1 : No data in UiTB register
TE
RO
RW
RI
Receive complete flag(1)
0 : No data in UiRB register
1 : Data in UiRB register
RE
Set the UiRRM bit to 0 (disables continuous receive mode) in UART mode.
UARTi transmit interrupt cause
select bit
0 : Transmission buffer empty (TI=1)
1 : Transmission completed (TXEPT=1)
RW
UiRRM
UARTi continuous receive mode
enable bit(2)
0 : Disables continuous receive mode
1 : Enables continuous receive mode
RW
The RI bit is set to 0 w hen the higher byte of the UiRB register is read out.
—
(b7-b6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com