Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 249Page - Renesas Technology Corp R28 Datasheet HTML 250Page - Renesas Technology Corp R28 Datasheet HTML 251Page - Renesas Technology Corp R28 Datasheet HTML 252Page - Renesas Technology Corp R28 Datasheet HTML 253Page - Renesas Technology Corp R28 Datasheet HTML 254Page - Renesas Technology Corp R28 Datasheet HTML 255Page - Renesas Technology Corp R28 Datasheet HTML 256Page - Renesas Technology Corp R28 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 234 of 441
REJ09B0279-0210
Figure 15.4
Registers U0BRG to U1BRG and U0MR to U1MR
UARTi Bit Rate Register (i = 0 or 1)
(1, 2, 3)
Symbol
Address
After Reset
U0BRG
00A1h
Undefined
U1BRG
00A9h
Undefined
Setting Range
RW
NOTES:
1.
2.
3.
b0
Use the MOV instruction to w rite to this register.
WO
Write to this register w hile the serial I/O is neither transmitting nor receiving.
00h to FFh
Function
Assuming the set value is n, UiBRG divides the count source by n+1
After setting the CLK0 to CLK1 bits of the UiC0 register, w rite to the UiBRG register.
b7
UARTi Transmit/Receive Mode Register (i = 0 or 1)
Symbol
Address
After Reset
U0MR
00A0h
00h
U1MR
00A8h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Set bit 3 in the U1MR register to 0.
Do not set bits SMD2 to SMD0 in the U1MR register to any values other than 000b, 100b, 101b, and 110b.
b0
SMD0
RW
b3 b2 b1
RW
0
Serial I/O mode select bits(2)
b2 b1 b0
0 0 0 : Serial interface disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bits long
1 0 1 : UART mode transfer data 8 bits long
1 1 0 : UART mode transfer data 9 bits long
Other than above : Do not set.
SMD1
b7 b6 b5 b4
Set the PD1_6 bit in the PD1 register to 0 (input).
SMD2
RW
RW
STPS
RW
0 : 1 stop bit
1 : 2 stop bits
CKDIR
PRY
RW
RW
Odd/even parity select bit
Enable w hen PRYE = 1
0 : Odd parity
1 : Even parity
PRYE
Parity enable bit
0 : Parity disabled
1 : Parity enabled
RW
Set to 0.
Internal/external clock select
bit(3)
0 : Internal clock
1 : External clock(1)
Stop bit length select bit
—
(b7)
Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com