Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 25Page - Infineon Technologies AG TLE6389 Datasheet HTML 26Page - Infineon Technologies AG TLE6389 Datasheet HTML 27Page - Infineon Technologies AG TLE6389 Datasheet HTML 28Page - Infineon Technologies AG TLE6389 Datasheet HTML 29Page - Infineon Technologies AG TLE6389 Datasheet HTML 30Page - Infineon Technologies AG TLE6389 Datasheet HTML 31Page - Infineon Technologies AG TLE6389 Datasheet HTML 32Page - Infineon Technologies AG TLE6389 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
29
2007-08-13
7.4
SI_Enable
Connecting SI_ENABLE to 5V causes SI_GND to have low impedance. Thus the SI
comparator is in operation and can be used to monitor the battery voltage. SO output
signal is valid. Connecting SI_ENABLE to GND causes SI_GND to have high
impedance. Thus the SI comparator is not able to monitor the battery voltage. SO output
signal is invalid.
7.5
Battery sense comparator - voltage divider
The formula to calculate the resistor divider for the sense comparator is basically the
same as for the feedback divider in section before. With the selected resistor RSI2, the
desired threshold of the input voltage VIN, UV and the lower sense threshold VSI, low the
resistor RSI1 is given to:
For high accuracy and low ohmic resistor divider values the On-resistance of the
SI_GND NMOS (typ. 100
Ω) has to be added to RSI2.
7.6
Undervoltage reset - delay time
The diagram below shows the typical behavior of the reset output in dependency on the
input voltage VIN, the output voltage VVOUT or VFB.
RSI1
RSI2
VIN UV
,
VSI low
,
-------------------1
–


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com