Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG TLE6389 Datasheet HTML 10Page - Infineon Technologies AG TLE6389 Datasheet HTML 11Page - Infineon Technologies AG TLE6389 Datasheet HTML 12Page - Infineon Technologies AG TLE6389 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
9
2007-08-13
Note: Within the functional range the IC operates as described in the circuit description.
The electrical characteristics are specified within the conditions given in the
related electrical characteristics table.
3
Operating Range
Item
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
3.1
Supply voltage range
VVS
5
60
V
3.2
Output voltage adjust
range TLE 6389-2 GV
VOUT
7
15
V
TLE 6389-2 GV
3.3
Sense Resistor
RSENSE
10
47
m
Ω
Calculation see
section 7
3.4
PMOS, on+off delay
ton+off
delay
-
tmin-
300 1)
ns
tmin= VVOUT/
(VVS*fSW)
3.5
Buck driver supply
capacitor
CBDS
220
-
nF
3.6
Buck inductance
L1
47
-
µH
recommended
value
3.7
Buck inductance
L1
22
100
µH
3.8
Buck output capacitor
COUT
100
-
µF
3.9
Junction temperature
Tj
– 40
150
°C
Thermal Resistance
3.10
Junction ambient
Rthj-a
140
K/W Footprint only
3.11
Junction pin
Rthj-p
50
K/W –
1)
A too high PMOS on+off delay might cause an instable output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com