Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 11Page - Infineon Technologies AG TLE6389 Datasheet HTML 12Page - Infineon Technologies AG TLE6389 Datasheet HTML 13Page - Infineon Technologies AG TLE6389 Datasheet HTML 14Page - Infineon Technologies AG TLE6389 Datasheet HTML 15Page - Infineon Technologies AG TLE6389 Datasheet HTML 16Page - Infineon Technologies AG TLE6389 Datasheet HTML 17Page - Infineon Technologies AG TLE6389 Datasheet HTML 18Page - Infineon Technologies AG TLE6389 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
15
2007-08-13
4.27
Load regulation
∆VVOUT /
∆ILOAD
40
mV/
A
TLE6389-2 GV50
,
TLE6389-3 GV50,
I
OUT = 0.5A to 2A;
V
VS = 5.8V & 48V;
R
SENSE = 22mΩ
4.28
8*
VOUT
_nom/
V
mV/
A
TLE6389-2 GV,
I
OUT = 0.5 to 2A;
V
VS= 13.5V & 48V;
R
SENSE = 22mΩ
4.29
Gate driver,
PMOS off
V
VS –
V
GDRV
0
0.2
V
V
ENABLE/SI_ENABLE
= 5 V
C
BDS = 220 nF
C
GDRV = 4.7nF
4.30
Gate driver,
PMOS on
V
VS –
V
GDRV
6
8.2
V
V
ENABLE/SI_ENABLE
= 5 V
C
BDS = 220 nF
C
GDRV = 4.7nF
3)
4.31
Gate driver,
UV lockout
V
VS –
V
BDS
2.75
4
V
Decreasing (V
VS-
V
BDS) until GDRV
is permanently at
VS level
4.32
Gate driver,
peak charging
current
I
GDRV
1
A
PMOS dependent;
2)
4.33
Gate driver,
peak discharging
current
I
GDRV
1
A
PMOS dependent;
2)
4.34
Gate driver,
gate voltage, rise
time
t
r
45
60
ns
V
ENABLE/SI_ENABLE
= 5 V
C
BDS = 220 nF
C
GDRV = 4.7nF
4
Electrical Characteristics (cont’d)
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com