Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 30Page - Infineon Technologies AG TLE6389 Datasheet HTML 31Page - Infineon Technologies AG TLE6389 Datasheet HTML 32Page - Infineon Technologies AG TLE6389 Datasheet HTML 33Page - Infineon Technologies AG TLE6389 Datasheet HTML 34Page - Infineon Technologies AG TLE6389 Datasheet HTML 35Page - Infineon Technologies AG TLE6389 Datasheet HTML 36Page - Infineon Technologies AG TLE6389 Datasheet HTML 37Page - Infineon Technologies AG TLE6389 Datasheet HTML 38Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
35
2007-08-13
7.11
Components recommendation - overview
7.12
Layout recommendation
The most sensitive points for Buck converters - when considering the layout - are the
nodes at the input, output and the gate of the PMOS transistor and the feedback path.
For proper operation and to avoid stray inductance paths the external catch diode, the
Buck inductance and the input capacitor C
IN1 have to be connected as close as possible to
the PMOS device. Also the GDRV path from the controller to the MosFet has to be as short
as possible. Best suitable for the connection of the cathode of the catch diode and one
terminal of the inductance would be a small plain located next to the drain of the PMOS.
The GND connection of the catch diode must be also as short as possible. In general the
GND level should be implemented as surface area over the whole PCB as second layer,
if necessary as third layer. The feedback path has to be well grounded also, a ceramic
capacitance might help in addition to the output cap to avoid spikes.
To obtain the optimum filter capability of the input pi-filter it has to be located also as
close as possible to the input. To filter the supply input of the device (VS) the ceramic cap
should be connected directly to the pin.
As a guideline an EMC optimized application board / layout is available.
Device
Type
Supplier
Remark
C
IN1
Electrolytic /Foil type
various
100
µF, 60V
C
IN2
Ceramic
various
220nF, 60V
L1
B82464-A4473
EPCOS
47
µH, 1.6A, 145mΩ
B82479-A1473-M
EPCOS
47
µH, 3.5A, 47mΩ
DO3340P-473
Coilcraft
47
µH, 3.8A, 110mΩ
DO5022P-683
Coilcraft
68
µH, 3.5A, 130mΩ
DS5022P-473
Coilcraft
47
µH, 4.0A, 97mΩ
M1
BSO 613SPV
Infineon
60V, 3.44A, 130m
Ω, NL
BSP 613P
Infineon
60V, 2.9A, 130m
Ω, NL
SPD09P06PL
Infineon
60V, 9A, 250m
Ω, LL
C
BDS
Ceramic
various
220nF, 16V
D1
MBRD360
Motorola
Schottky, 60V, 3A
MBRD340
Motorola
Schottky, 40V, 3A
SS34
various
Schottky, 40V, 3A
C
OUT
B45197-A2107
EPCOS
Low ESR Tantalum, 100
µF, 10V
C
COMP
Ceramic
various
see 7.10.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com