Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 16Page - Infineon Technologies AG TLE6389 Datasheet HTML 17Page - Infineon Technologies AG TLE6389 Datasheet HTML 18Page - Infineon Technologies AG TLE6389 Datasheet HTML 19Page - Infineon Technologies AG TLE6389 Datasheet HTML 20Page - Infineon Technologies AG TLE6389 Datasheet HTML 21Page - Infineon Technologies AG TLE6389 Datasheet HTML 22Page - Infineon Technologies AG TLE6389 Datasheet HTML 23Page - Infineon Technologies AG TLE6389 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
20
2007-08-13
5
Typical Performance Characteristics
Current consumption IVS vs. temperature Tj
at enabled device and VVS=13.5V
Current consumption IVS vs. temperature Tj
at enabled device and VVS=48V
Current consumption IVOUT vs. temperature
Tj at enabled device and VVOUT=5.5V
Current consumption IVOUT vs. temperature
Tj at enabled device and VVOUT=10V(-2GV)
-50
-20
10
40
70
100
130
160
T
j
°C
I
VS
µA
20
30
40
50
60
70
80
90
-50
-20
10
40
70
100
130
160
T
j
°C
I
VS
µA
40
50
60
70
80
90
100
110
-50
-20
10
40
70
100
130
160
T
j
°C
I
VOUT
µA
110
120
130
140
150
160
170
180
-50
-20
10
40
70
100
130
160
T
j
°C
I
VOUT
µA
90
100
110
120
130
140
150
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com