Electronic Components Datasheet Search
  English  ▼

X  

IR3522MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3522MPBF Datasheet HTML 12Page - International Rectifier IR3522MPBF Datasheet HTML 13Page - International Rectifier IR3522MPBF Datasheet HTML 14Page - International Rectifier IR3522MPBF Datasheet HTML 15Page - International Rectifier IR3522MPBF Datasheet HTML 16Page - International Rectifier IR3522MPBF Datasheet HTML 17Page - International Rectifier IR3522MPBF Datasheet HTML 18Page - International Rectifier IR3522MPBF Datasheet HTML 19Page - International Rectifier IR3522MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
IR3522
Page 16
V3.01
VTT Margining Range Codes
Hex
VTT SVID
Codes
% Change
from Default
% Change
from VOUT1
0
x000_0000
26.67
63.16
1
x000_0001
25
62.35
2
x000_0010
23.33
61.52
3
x000_0011
21.67
60.70
4
x000_0100
20
59.87
5
x000_0101
18.33
59.06
6
x000_0110
16.67
58.23
7
x000_0111
15
57.40
8
x000_1000
13.33
56.59
9
x000_1001
11.67
55.78
0A
x000_1010
10
54.94
0B
x000_1011
8.33
54.12
0C
x000_1100
6.67
53.28
0D
x000_1101
5
52.46
0E
x000_1110
3.33
51.64
0F
x000_1111
1.67
50.82
10
x001_0000
0
50
11
x001_0001
-1.67
49.16
12
x001_0010
-3.33
48.31
13
x001_0011
-5
47.46
14
x001_0100
-6.67
46.61
15
x001_0101
-8.33
45.78
16
x001_0110
-10
44.93
17
x001_0111
-11.67
44.08
18
x001_1000
-13.33
43.25
19
x001_1001
-15
42.42
1A
x001_1010
-16.67
41.58
1B
x001_1011
-18.33
40.74
1C
x001_1100
-20
39.90
1D
x001_1101
-21.67
39.08
1E
x001_1110
-23.33
38.21
1F
x001_1111
-25
37.44
x1xx_xxxx
VID OFF
VID OFF
Table 3 – Vtt Margining (Default in Gray)
Table 4 – Pre-Enable VDDR program Codes
Pre-ENABLE VREF1 Codes
VID1
VID0
VDDR
0
0
1.05
0
1
1.2
1
0
1.35
1
1
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com