Electronic Components Datasheet Search
  English  ▼

X  

IR3522MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3522MPBF Datasheet HTML 1Page - International Rectifier IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
IR3522
Page 5
V3.01
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
4.75V ≤ VCCL ≤ 7.5V, -0.3V ≤ VOSEN-x ≤ 0.3V, 0
oC ≤ TJ ≤ 100 oC, 7.75 k ≤ ROSC ≤ 50 k , CSS/DEL1 = 0.1uF
ELECTRICAL CHARACTERISTICS
The electrical characteristics table list the spread of critical values that are guaranteed to be within the recommended
operating conditions (unless otherwise specified). Typical values represent the median values, which are related to 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SVID Interface
Threshold Increasing
1.265
1.325
1.385
V
Threshold Decreasing
1.04
1.1
1.16
V
SCL & SDA Input Thresholds
Threshold Hysteresis
150
225
300
mV
Bias Current
0V ≤ V(x) ≤ 3.5V, SDA not asserted
-5
0
5
uA
SDA Low Voltage
I(SDA)= 3mA
20
300
mV
SDA Output Fall Time
0.7 x VDD to 0.3 x VDD, 1.425V ≤ VDD ≤
1.9V, 10 pF ≤ Cb ≤ 400 pF,
Cb=capacitance of one bus line (Note 1)
20+ 0.1
xCb(pF)
250
ns
Pulse width of spikes suppressed
by the input filter
Note 1
85
260
550
ns
ADDRx Internal Pull-up
Pull-up to 3.3 V typical
50
100
250
k
ADDRx Threshold Voltage
1.38
1.65
1.94
V
ADDRx Float Voltage
3.1
3.3
3.5
V
Oscillator
PHSOUT Frequency
-10%
See
Figure 2
+10%
kHz
ROSC Voltage
0.57
0.600
0.630
V
CLKOUT High Voltage
I(CLKOUT)= -10 mA, measure V(VCCL) –
V(CLKOUT).
1
V
CLKOUT Low Voltage
I(CLKOUT)= 10 mA
1
V
PHSOUT High Voltage
I(PHSOUT)= -1 mA, measure V(VCCL) –
V(PHSOUT)
1
V
PHSOUT Low Voltage
I(PHSOUT)= 1 mA
1
V
PHSIN Threshold Voltage
Compare to V(VCCL)
30
50
70
%
Remote Sense Differential Amplifiers
Unity Gain Bandwidth
Note 1
3.0
6.4
9.0
MHz
Input Offset Voltage
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V, Note 2
-3
0
3
mV
Source Current
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V
3
7
15
mA
Sink Current
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V
300
450
650
uA
Slew Rate
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V
Note 1.
2
4
8
V/us
VOSEN+ Bias Current
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V
30
50
uA
VOSEN- Bias Current
1.025 V ≤ V(VOSEN1+) - V(VOSEN1-) ≤
1.6125 V, 385mV ≤ V(VOSEN2+) -
V(VOSEN2-) ≤ 1.021 V, All VID Codes
30
50
uA
Low Voltage
V(VCCL) =7V
40
mV
High Voltage
V(VCCL) – V(VOUTx)
1.2
1.8
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com