Electronic Components Datasheet Search
  English  ▼

X  

IR3522MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier IR3522MPBF Datasheet HTML 10Page - International Rectifier IR3522MPBF Datasheet HTML 11Page - International Rectifier IR3522MPBF Datasheet HTML 12Page - International Rectifier IR3522MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IR3522
Page 9
V3.01
SYSTEM THEORY OF OPERATION
PWM Control Method
The PWM block diagram of the xPHASE3
TM architecture is shown in Figure 3. Feed-forward voltage mode control
with trailing edge modulation is used to provide system control. A voltage type error amplifier with high-gain and
wide-bandwidth, located in the Control IC, is used for the voltage control loop. The feed-forward control is
performed by the phase ICs as a result of sensing the Input voltage (FET’s drain voltage). The PWM ramp slope
will change with the input voltage and automatically compensate for changes in the input voltage. The input voltage
can change due to variations in the silver box output voltage or due to the wire and PCB-trace voltage drop related
to changes in load current.
.
GND
VOUT1
VOSNS1+
DACIN
VREF1
VOUT1
LGND
IOUT
PHSIN
VOSNS1-
CSIN-
CSIN+
GATEL
EAIN
GATEH
SW
VIN
FB1
EAOUT1
CLKOUT
CLKIN
PHSOUT
PGND
VCCL
VCCH
DACIN
CLKIN
PHSOUT
CSIN+
GATEL
EAIN
GATEH
IOUT
PHSIN
SW
PGND
VCCL
VCCH
CSIN-
PHSIN
PHSOUT
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
GATE DRIVE
VOLTAGE
-
+
+
+
ENABLE
RAMP
DISCHARGE
CLAMP
VREF1_FAST
CLOCK GENERATOR
CURRENT
SENSE
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
ERROR
AMPLIFIER
COUT
IR3522 CONTROL IC
IR3506 PHASE IC
PWM
COMPARATOR
PWM
COMPARATOR
VC CL
-
+
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
IR3506 PHASE IC
REMOTE SENSE
AMPLIFIER
VC CL
C CS
R CS
C FB1
R CS
C BST
C BST
C CS
C CP11
R FB12
RF B11
3K
C LK
D
Q
+
-
R CP1
3K
CC P12
C LK
D
Q
+
-
Figure 3 - PWM Block Diagram
Frequency and Phase Timing Control
The system oscillator is located in the Control IC and is programmable from 250 kHz to 9 MHZ by an external
resistor. The control IC clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase timing of the
phase ICs is controlled by a daisy chain loop. The control IC phase clock output (PHSOUT) is connected to the
phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to PHSIN of the
second phase IC, etc. The last phase IC (PHSOUT) is connected back to PHSIN of the control IC to complete the
loop. During power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins and detects
the feedback at PHSIN pin to determine the phase number and monitor any fault in the daisy chain loop. Figure 4
shows the phase timing for a four phase converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com