Electronic Components Datasheet Search
  English  ▼

X  

IR3522MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3522MPBF Datasheet HTML 1Page - International Rectifier IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
IR3522
Page 1
V3.01
DATA SHEET
XPHASE3TM
DDR & VTT CONTROL IC
DESCRIPTION
The IR3522 Control IC combined with IR3506 xPHASE3
TM Phase ICs implements a full featured DDR3
power solution. The IR3522 provides control functions for both the VTT (single phase) and VDDR
(multiphase) power rails which can interfaces with any number of IR3506 ICs each driving and monitoring
a single phase to power any number of DDR3 DIMMs. The xPHASE3
TM architecture delivers a power
supply that is smaller, more flexible, and easier to design while providing higher efficiency than
conventional approaches.
FEATURES
•
I
2C interface programs 1.025V< VREF1<1.612V, the VDD output voltage reference
•
I
2C also programs the VTT tracking ratio ± 25 %, and provides digital ON/OFF control
•
Four different I
2C addresses are selectible using 2 ADDR pins
•
Four different VREF1 voltages are selectible using 2 VID pins if I
2C communication is not available
•
VTT tracking defaults to ½ the VDD Remote Sense Amp output voltage
•
Power Good output driven by an external bias input
•
VDD to VTT overvoltage protection
•
Soft-Stop turn-off to ensure VDDR and Vtt tracking
•
Fault activated Crowbar pin to drive external NMOS devices for external output voltage protection
•
Pin programmable slew rate of I
2C programmed VREF1 voltage transitions
•
0.5% overall VDD system set point accuracy
•
Remote sense amplifiers provide differential sensing and requires less than 50uA bias current
•
Pin programmable per phase switching frequency of 250kHz to 1.5MHz
•
Complete protection including over-current, over-voltage, open remote sense, and open control
APPLICATION CIRCUIT
CSS/DEL
CVREF
ROSC
DDR SENSE +
DDR SENSE -
ROCSET1
CVCCL
RVR EF
To Vtt
Remote
Sense
SCL
PHSIN
12V
PGOOD
PHSOUT
VTT SENSE +
VTT SENSE -
SDA
ROCSET2
CLKOUT
VREF1
PGBIAS
2
EN ABLE
3
IIN 2
4
OCSET2
7
CROWBAR
22
II N1
21
EAOUT1
17
VREF1
19
AD DR2
6
ROSC
23
LGND
24
SD A
1
SS/ DEL1
20
OCSET1
18
AD DR1
5
EAOUT2
8
IR3522
CONTROL
IC
ISHARE1
EAOUT1
CCP22
CCP21
RPGBIAS
ENABLE
RCP2
12V
R FB21
CFB2
RFB22
CROWBAR
Drives NMOS crowbar
devices at VTT and
VDDR rails
To Phase IC
VCCL & GATE
DRIVE BIAS
VCCL
To Converters
To VDD
Remote
Sense
2 wire Digital
Daisy Chain Bus
to Phase ICs
Phase Clock Input to
Last Phase IC of VDD
ISHARE2
R CP1
CCP11
RFB11
CFB1
RFB12
CCP12
EAOUT2
5 Wire Analog
Phase IC
Control Bus
VCCL
Figure 1 – IR3522 Application Circuit


Similar Part No. - IR3522MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3522MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
IR3500V IRF-IR3500V Datasheet
618Kb / 34P
XPHASE3TM VR11.1 CPU VTT CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
XPHASE3TM POL CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
XPHASE3TM DUAL OUTPUT CONTROL IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com