Electronic Components Datasheet Search
  English  ▼

X  

IR3522MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3522MPBF Datasheet HTML 1Page - International Rectifier IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
IR3522
Page 2
V3.01
ORDERING INFORMATION
Device
Package
Order Quantity
IR3522MTRPBF
32 Lead MLPQ (5 x 5 mm body)
3000 per reel
* IR3522MPBF
32 Lead MLPQ (5 x 5 mm body)
100 piece strips
* Samples only
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
SDA
SDA (Serial Data) is a bidirectional signal that is an input and open drain output for
both master (I
2C controller) and slave (IR3522). SDA requires a pull resistor to a
bias voltage and should not be floated.
2
PGBIAS
Input to provide bias to the Power Good output transistor directly from the converter
input voltage. Enables the Power Good output to assert even if there is no bias
supplied to the VCCL pin. Internal voltage clamp protects the pin. Do not exceed
100 uA of pull-up current.
3
ENABLE
Enable input. A logic low applied to this pin puts the IC into fault mode. A logic high
on the pin resets and enables the converter. Do not float this pin as the logic state
will be undefined.
4
IIN2
Output 2 average current input from the output 2 phase IC(s).
5
ADDR1
Digital input to program bit 1 of the 2 bit address code with internal pull-up. Connect
to LGND for logic “0”, float for logic “1”
6
ADDR2
Digital input to program bit 2 of the 2 bit address code with internal pull-up. Connect
to LGND for logic “0”, float for logic “1”
7
OCSET2
Programs the output 2 constant converter output current limit through an external
resistor tied to VREF1 and an internal current source from this pin. Over-current
protection can be disabled by over sizing the resistor value to program the threshold
higher than IIN2 pin possible signal amplitude, but no greater than 5V (do not float
this pin as improper operation will occur).
8
EAOUT2
Output of the output 2 error amplifier.
9
FB2
Inverting input to the output 2 error amplifier.
10
VOUT2
Output 2 remote sense amplifier output.
11
VOSEN2+
Output 2 remote sense amplifier input. Connect to output at the load.
12
VOSEN2-
Output 2 remote sense amplifier input. Connect to ground at the load.
13
VOSEN1-
Output 1 remote sense amplifier input. Connect to ground at the load.
14
VOSEN1+
Output 1 remote sense amplifier input. Connect to output at the load.
15
VOUT1
Output 1 remote sense amplifier output. Provides reference to Error Amp2.
16
FB1
Inverting input to the output 1 error amplifier.
17
EAOUT1
Output of the output 1 error amplifier.
18
OCSET1
Programs the output 1 constant converter output current limit through an external
resistor tied to VREF1 and an internal current source from this pin. Over-current
protection can be disabled by over sizing the resistor value to program the threshold
higher than IIN2 pin possible signal amplitude, but no greater than 5V (do not float
this pin as improper operation will occur).
19
VREF1
Reference voltage programmed by the I
2C inputs and error amplifier non-inverting
input. Connect an external RC network to LGND to program dynamic VID slew rate
and provide compensation for the internal buffer amplifier.
20
SS/DEL1
Connect an external capacitor to LGND to program startup and Fault delay timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com