Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 10Page - Infineon Technologies AG TLE6711 Datasheet HTML 11Page - Infineon Technologies AG TLE6711 Datasheet HTML 12Page - Infineon Technologies AG TLE6711 Datasheet HTML 13Page - Infineon Technologies AG TLE6711 Datasheet HTML 14Page - Infineon Technologies AG TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
14
Rev. 3.4, 2007-08-16
TLE 6711
Circuit Description
External loop compensation is required for converter stability, and is formed by connecting a compensation
resistor-capacitor series-network (
R
BUC, CBUC) between pin BUC and GND.
In the case of overload or short-circuit at
V
CC (the output current exceeds the buck overcurrent threshold IBUOC)
the DMOS output transistor is switched off by the overcurrent comparator immediately. The pulse width is then
controlled by the overcurrent comparator as seen before in the boost description.
In order to protect the
V
CC input as well as the external load against catastrophic failures, an overvoltage protection
is provided which switches the output transistor off as soon as the voltage at pin
V
CC exceeds the internal fixed
overvoltage threshold
V
BUOVOFF = typ. 6.0 V.
Figure 11
Most Important Waveforms of the Buck Converter Circuit
AED02673
t
C
V
Error
V
and
V
CV
CP
V
t
L
H
OCLK
PWM
L
H
t
t
I
BUO
BULI
I
DBU
I
t
BUO
V
t
BOOST
V
CC5
V
Overcurrent Threshold Exceeded
Controlled by the
Load-Current Increasing with Time;
Error Voltage
Overcurrent Comp
Controlled by the Error Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com