Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 12Page - Infineon Technologies AG TLE6711 Datasheet HTML 13Page - Infineon Technologies AG TLE6711 Datasheet HTML 14Page - Infineon Technologies AG TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
16
Rev. 3.4, 2007-08-16
TLE 6711
Circuit Description
Electrical Characteristics: Boost-Converter; BOI, BOFB and
V
BOOST
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.12
Boost voltage;
see application circuit
V
BOOST
24.0
27.5
31.0
V
5 mA <
I
BOOST <
100 mA;
T
j = 25 °C;
8 V <
V
Batt < 16 V
4.5.13
Boost Voltage;
see application circuit
V
BOOST
23
–
32
V
5 mA <
I
BOOST <
100 mA;
8 V <
V
Batt < 16 V
4.5.14
Efficiency; see. appl. circuit
η
–
80
–
%
I
BOOST = 100 mA
4.5.15
Power-Stage ON resistance
R
BOON
–
0.6
0.75
Ω
T
j = 25 °C;
I
BOI = 1 A
4.5.16
Power-Stage ON resistance
R
BOON
–
–
1.4
Ω
I
BOI = 1 A
4.5.17
Boost overcurrent threshold
I
BOOC
1.0
1.3
1.8
A
–
4.5.18
Feedback threshold voltage
V
BOFBTH
2.55
2.7
2.85
V
V
BOI = 12 V;
I
BOOST = 25 mA
4.5.19
Feedback input current
I
FB
-2
-0.4
0
µA
2 V <
V
BOFB < 4 V
Electrical Characteristics: Buck-Converter; BUO, BDS, BUC and
V
CC
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.20
Logic supply voltage
V
CC
4.9
–
5.1
V
1 mA <
I
CC <
250 mA; see. appl.
circuit
4.5.21
Efficiency; see. appl. circuit
η
–
85
–
%
I
CC = 250 mA;
V
Boost = 25 V
4.5.22
Power-Stage ON resistance
R
BUON
–
0.38
0.5
Ω
T
j = 25 °C;
I
BUO = 1 A
4.5.23
Power-Stage ON resistance
R
BUON
–
–
1.0
Ω
I
BUO = 1 A
4.5.24
Buck overcurrent threshold
I
BUOC
0.7
0.95
1.2
A
–
4.5.25
Input current on pin
V
CC
I
CC
–
0.2
0.5
mA
V
CC = 5 V
4.5.26
Buck Gate supply voltage;
V
BGS = VBDS - VBOOST
V
BGS
5
–
10
V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com