Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG TLE6711 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
20
Rev. 3.4, 2007-08-16
TLE 6711
Diagrams: Oscillator and Boost/Buck-Converter Performance
6
Diagrams: Oscillator and Boost/Buck-Converter Performance
In the following the behaviour of the Boost/Buck-converter and the oscillator is shown.
Oscillator Frequency Deviation vs.
Junction Temperature
Current Consumption vs.
Junction Temperature
Boost Feedback Current vs.
Junction Temperature
Efficiency Buck vs.
Load
AED02938
j
T
-15
∆f
OSC
-10
-5
0
5
kHz
10
-50 -25
0
25 50 75 100 ˚C 150
j
T = 25 ˚C
Referred to fOSC
at
AED02940
j
T
0.5
1
1.5
2
2.5
mA
3
-50 -25
0
25 50 75 100 ˚C 150
Boost
I
Boost ON
Buck ON
BO boost
I
= 0 mA
= 0 mA
CC
I
AED02939
j
T
-700
-600
-500
-400
-300
nA
-200
-50 -25
0
25 50 75 100 ˚C 150
FB
I
AED02942
η
LOAD
I
50
150
250
mA
65
70
75
80
85
%
90
RT, HT
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com