Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 11Page - Infineon Technologies AG TLE6711 Datasheet HTML 12Page - Infineon Technologies AG TLE6711 Datasheet HTML 13Page - Infineon Technologies AG TLE6711 Datasheet HTML 14Page - Infineon Technologies AG TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TLE 6711
Circuit Description
Data Sheet
15
Rev. 3.4, 2007-08-16
4.5
Electrical Characteristics
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical
characteristics specify mean values expected over the production spread. If not otherwise specified, typical
characteristics apply at
T
A = 25 °C and the given supply voltage.
Electrical Characteristics: Current Consumption
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.1
Current consumption;
see application circuit
I
Boost
–
1.5
4
mA
I
CC = 0 mA;
I
BoLoad = 0 mA
4.5.2
Current consumption;
see application circuit
I
Boost
–
5
10
mA
I
CC = 200 mA;
I
BoLoad = 50 mA
Electrical Characteristics: Under- and Over-Voltage Lockout at
V
BOOST
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.3
UV ON voltage;
boost and buck conv. ON
V
BOUVON
4.0
4.5
5.0
V
V
BOOST increasing
4.5.4
UV OFF voltage;
boost and buck conv. OFF
V
BOUVOFF
3.5
4.0
4.5
V
V
BOOST decreasing
4.5.5
UV Hysteresis voltage
V
BOUVHY
0.2
0.5
1.0
V
HY = ON - OFF
4.5.6
OV OFF voltage; boost conv. OFF
V
BOOVOFF
34
37
40
V
V
BOOST increasing
4.5.7
OV ON voltage; boost conv. ON
V
BOOVON
30
33
36
V
V
BOOST decreasing
4.5.8
OV Hysteresis voltage
V
BOUVHY
1.5
4
10
V
HY = OFF - ON
Electrical Characteristics: Over-Voltage Lockout at
V
CC
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.9
OV OFF voltage; buck conv. OFF
V
BUOVOFF
5.5
6.0
6.5
V
V
CC increasing
4.5.10
OV ON voltage; buck conv. ON
V
BUOVON
5.25
5.75
6.25
V
V
CC decreasing
4.5.11
OV Hysteresis voltage
V
BUOVHY
0.10
0.25
0.50
V
HY = OFF - ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com