Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 13Page - Infineon Technologies AG TLE6711 Datasheet HTML 14Page - Infineon Technologies AG TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TLE 6711
Circuit Description
Data Sheet
17
Rev. 3.4, 2007-08-16
Electrical Characteristics: Reference Input; R
(Oscillator; Timebase for Boost- and Buck-Converter, Reset and Watchdog)
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.27
Voltage on pin R
V
R
1.3
1.4
1.5
V
–
4.5.28
Oscillator frequency
f
OSC
85
95
105
kHz
T
j = 25 °C
4.5.29
Oscillator frequency
f
OSC
75
–
115
kHz
–
4.5.30
Cycle time for watchdog and reset
timing
t
CYL
–
1.05
–
ms
t
CYL = 100/fOSC
Electrical Characteristics: Reset Generator; RO
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.31
Reset threshold;
V
CC decreasing/increasing
V
RT
4.50
4.65
4.75
V
V
RO H to L or L to H
transition;
V
RO remains low
down to
V
CC > 1 V
4.5.32
Reset low voltage
V
ROL
–
0.2
0.4
V
I
ROL = 2 mA;
2.5 V <
V
CC < VRT
4.5.33
Reset low voltage
V
ROL
–
0.2
0.4
V
I
ROL = 0.2 mA;
1 V <
V
CC < VRT
4.5.34
Reset high voltage
V
ROH
V
CC -
0.1
–
V
CC +
0.1
V
I
ROH = 0 mA
4.5.35
Reset pull-up current
I
RO
–
240
–
µA
0 V <
V
RO < 4 V
4.5.36
Reset Reaction time
t
RR
50
100
150
µs
V
CC < VRT
4.5.37
Power-up reset delay time
t
RD
–
64
–
t
CYL
V
CC ≥ 4.8 V
Electrical Characteristics: Watchdog Generator; WDI
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.38
H-input voltage threshold
V
WDIH
–
–
0.7
×
V
CC
V
–
4.5.39
L-input voltage threshold
V
WDIL
0.3
×
V
CC
–
–
V
–
4.5.40
Watchdog period
T
WD
–
128
–
t
CYL
V
CC ≥ 4.8 V
4.5.41
Start of reset;
after watchdog time-out
t
SR
–
64
–
t
CYL
V
CC ≥ 4.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com