Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 27Page - Infineon Technologies AG TLE7184F Datasheet HTML 28Page - Infineon Technologies AG TLE7184F Datasheet HTML 29Page - Infineon Technologies AG TLE7184F Datasheet HTML 30Page - Infineon Technologies AG TLE7184F Datasheet HTML 31Page - Infineon Technologies AG TLE7184F Datasheet HTML 32Page - Infineon Technologies AG TLE7184F Datasheet HTML 33Page - Infineon Technologies AG TLE7184F Datasheet HTML 34Page - Infineon Technologies AG TLE7184F Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
TLE7184F
Application Description
Data Sheet
32
Rev. 1.0, 2008-12-04
10
Application Description
In the automotive sector there are more and more applications requiring high performance motor drives, such as
HVAC fans, engine cooling fans, pumps etc.. In these applications 3 phase motors, synchronous and
asynchronous, are used, combining high output performance, low space requirements and high reliability.
Figure 13
Application Circuit TLE7184F
Note: This is a simplified example of an application circuit. The function must be verified in the real application
SH1
V
BAT
C
BR
4,7mF
µC
GH1
GL1
VS
IL1
___
IH1
C
VS
100 nF
R
VS
10
Ω
GND
ISP
IL2
___
IH2
IL3
___
IH3
GND
VREG
TLE
7184
PGND
PGND
____
ERR
TEMP
ISO
Shunt
R
S
R
S
R
fb1
____
RGS
____
INHD
ISN
BH1
C
BS1
470nF
R
GH1
SH2
GH2
BH2
R
GH2
C
BS2
470nF
SH3
GH3
BH3
R
GH3
C
BS3
470nF
R
GL1
GL2
R
GL2
GL3
R
GL3
AGND
L
2,2µH
IFMA
R
1,6k
Ω
L
2,2µH
interface
R
33
Ω
IFuC
DT
VDD
GND
AGND
AGND
R
DT
C
TP
SL
C
BR
1µF
PGND
KL 15
R
2,2k
Ω
___
INH
VDHS
R
fb3
AGND
GND
VDH
C
REG
2µF
R
VDH
+
IOV
SCDL
R
fb2
R
1,2k
Ω
R
10k
Ω
T
LS2
T
LS3
T
LS1
T
HS2
T
HS3
T
HS1
R
SC1
R
SC2
C
VDD1
100nF
R
OV1
R
OV2
R
VDH1
R
VDH2
R
10k
Ω
C
VDD2
2.2nF
C
VS
2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com