Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 7Page - Infineon Technologies AG TLE7184F Datasheet HTML 8Page - Infineon Technologies AG TLE7184F Datasheet HTML 9Page - Infineon Technologies AG TLE7184F Datasheet HTML 10Page - Infineon Technologies AG TLE7184F Datasheet HTML 11Page - Infineon Technologies AG TLE7184F Datasheet HTML 12Page - Infineon Technologies AG TLE7184F Datasheet HTML 13Page - Infineon Technologies AG TLE7184F Datasheet HTML 14Page - Infineon Technologies AG TLE7184F Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
11
Rev. 1.0, 2008-12-04
TLE7184F
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
4.4
Default State of Inputs
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
––5K/W
–
4.3.2
Junction to Ambient1)
R
thJA
–29
–
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
Table 1
Default State of Inputs
Characteristic
State
Remark
Default state of ILx (if ILx left open -pull down)
Low
Low side MOSFETs off
Default state of IHx (if IHx left open - pull up)
High
High side MOSFETs off
Default state of RGS (if RGS left open - pull down)
Low
Errors is reset and system
IC goes to sleep
Default state of INH (if INH left open - pull down)
Low
no wake up by INH
Default state of SCDL (if SCDL left open - pull up)
High
Error is set; all MOSFETs
switched off
Default state of IFMA (if IFMA left open - pull up)1)
1) external capacitance < 25pF
High
no wake up by IFMA
Default state of IOV (if IOV left open - pull down)
Low
no Over Voltage detection
by IOV
Default state of DT (if DT left open)
max. dead time
max. dead time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com