Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 16Page - Infineon Technologies AG TLE7184F Datasheet HTML 17Page - Infineon Technologies AG TLE7184F Datasheet HTML 18Page - Infineon Technologies AG TLE7184F Datasheet HTML 19Page - Infineon Technologies AG TLE7184F Datasheet HTML 20Page - Infineon Technologies AG TLE7184F Datasheet HTML 21Page - Infineon Technologies AG TLE7184F Datasheet HTML 22Page - Infineon Technologies AG TLE7184F Datasheet HTML 23Page - Infineon Technologies AG TLE7184F Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
TLE7184F
Interface, VDH Switch and INH Digital Output
Data Sheet
20
Rev. 1.0, 2008-12-04
8.4
Electrical Characteristics
Electrical Characteristics - Protection and diagnostic functions
V
S = 6.0 to 20V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Interface - static parameters
8.4.1
IFMA input voltage high level
(for IFµC high)
V
IMHL
59
–
–
%
of
V
VS; IC not in
Sleep Mode
8.4.2
IFMA input voltage low level
(for IFµC low)
V
IMLL
––46
%
of
V
VS; IC not in
Sleep Mode;
8.4.3
IFMA input hysteresis
(for IFµC)
V
IMhy
0.5
–
9
%
of
V
VS; IC not in
Sleep Mode
8.4.4
IFMA wake up voltage high level
=
V
S-VIFMA
V
IMWH
2–4V
valid in Sleep Mode
8.4.5
IFMA internal pull-up resistor to
V
S
R
IMu
210
340
495
k
Ω
–
8.4.6
IFMA internal pull-down resistor to
GND
R
IMd
420
700
980
k
Ω
not active in Sleep
Mode
8.4.7
Matching of internal pull-up / pull-
down resistor1)
R
IMu/RIMd
-5
–
+5
%
–
8.4.8
IFµC output low voltage
V
IuLL
–
–
0.5
V
no external load
8.4.9
IFµC internal pull-up resistor to
V
DD RIu
10
–
20
k
Ω
–
Interface - dynamic parameters
8.4.10
IFµC duty cycle
d
Iu
0–100
%
–
8.4.11
Propagation time rising edge IFµC
t
PRE
––6µs
Including rising time
to 80% of
V
VDD;
C
load=100pF
8.4.12
Propagation time falling edge IFµC
t
PFE
––5µs
Including falling
time to 20% of
V
VDD; Cload=100pF
8.4.13
Deviation between rising and falling
IFµC
t
PD
––4µs
C
load=100pF
VDH switch
8.4.14
Ron VDH switch
R
VDH
––150
Ω
Load current = 1mA
INHD digital output
8.4.15
Low level input voltage INH
(for INHD=low)
V
INHDL
––1.5
V
–
8.4.16
High level input voltage INH
(for INHD=high)
V
INHDH
2.1
––V
–
8.4.17
Input hysteresis of INH for INHD1)
1) Not subject to production test; specified by design
d
VINHD
100
––mV
–
8.4.18
INHD low level output voltage
V
INHD
–
–
0.5
V
no external load
8.4.19
INHD Internal pull-up resistor to
V
DD
R
INHD
50
–
100
k
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com