Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 20Page - Infineon Technologies AG TLE7184F Datasheet HTML 21Page - Infineon Technologies AG TLE7184F Datasheet HTML 22Page - Infineon Technologies AG TLE7184F Datasheet HTML 23Page - Infineon Technologies AG TLE7184F Datasheet HTML 24Page - Infineon Technologies AG TLE7184F Datasheet HTML 25Page - Infineon Technologies AG TLE7184F Datasheet HTML 26Page - Infineon Technologies AG TLE7184F Datasheet HTML 27Page - Infineon Technologies AG TLE7184F Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TLE7184F
Description of Modes, Protection and Diagnostic Functions
Data Sheet
24
Rev. 1.0, 2008-12-04
The VDHS switch is deactivated.
The IC will not react to IFMA or INH signals. Even a Over Temperature Shut Down detection will have no influence.
The internal logic is supplied and prevents the IC from going into “Go to sleep mode”.
The only way to leave this state is that VS is lower than
V
VSLO., means a VS Under Voltage Lockout occurs. In this
case the IC goes to Sleep Mode.
VREG Shut Down Mode
This mode is intended to prevent the IC for long time toggling in Over Temperature if a short is present at the VREG
pin.
There are 2 ways to enter this mode:
1. The IC is in the Error Mode and a VREG Under Voltage Shut-down occurs without a Over Temperature
Prewarning.
2. The IC is in the Normal Mode and a VREG Under Voltage Shut-down occurs without a Over Temperature
Prewarning.
In this mode VREG is switched off, but VDD is still present. VDHS switch is still active. The PWM interface (IFMA)
is working.
The IC will not react to IFMA or INH signals.
In this situation the µC is still able to provide diagnostic information by the interface. It can prevent the IC from Go-
to-Sleep Mode and to avoid unintended toggling as long there is no Over Temperature Shut Down.
This state can be left by 2 ways:
1. The µC has to set RGS to low for a time longer than
t
sleep. In this case the IC goes to Sleep Mode.
2. If a VDD Under Voltage Shut Down or a Over Temperature Prewarning occurs the IC will go into the Deadlock
Mode.
9.2
Protection and Diagnosis Functions
9.2.1
Over Temperature Shut Down (OTSD)
If the junction temperature is exceeding the Over Temperature shut down level an error signal is set. The driver
IC will pull- down the gate-source voltage of all external MOSFETs, deactivate the VDD and VREG supply and go
directly into the Sleep Mode.
In the Sleep Mode the regular wake-up conditions will be used. Over Temperature cycling is possible and will lead
to accelerated aging of the IC.
In Deadlock Mode an Over Temperature Shut Down is ignored.
9.2.2
Over Temperature Prewarning (OTPW)
The IC provides a digital Over Temperature Pre-Warning. If no other errors are present, the IC goes into “Normal
Mode with Over Temperature Prewarning”. This function is not available in Deadlock Mode.
9.2.3
Analog Temperature Monitoring
The TEMP output of the TLE7184F provides an analog voltage signal proportional to the chip temperature. This
function is not available in Deadlock Mode.
9.2.4
VS Under Voltage Lockout (VS_UVLO)
The TLE7184F has an integrated VS Under Voltage Lockout, to assure that the behavior of the complete IC is
predictable in all supply voltage ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com