Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 10Page - Infineon Technologies AG TLE7184F Datasheet HTML 11Page - Infineon Technologies AG TLE7184F Datasheet HTML 12Page - Infineon Technologies AG TLE7184F Datasheet HTML 13Page - Infineon Technologies AG TLE7184F Datasheet HTML 14Page - Infineon Technologies AG TLE7184F Datasheet HTML 15Page - Infineon Technologies AG TLE7184F Datasheet HTML 16Page - Infineon Technologies AG TLE7184F Datasheet HTML 17Page - Infineon Technologies AG TLE7184F Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TLE7184F
MOSFET Driver
Data Sheet
14
Rev. 1.0, 2008-12-04
5.4.11
High level output voltage GLx vs.
GND
V
Gxx4
6.7
––V
V
VS=8V,
C
load=20nF,
dc=94%;
f
PWM=20kHz;
5.4.12
Rise time
t
rise
–200
–ns
C
Load=11nF;
R
Load=1Ω
V
VS=7V
20-80%
5.4.13
Fall time
t
fall
–200
–ns
5.4.14
High level output voltage (in
passive clamping)
V
GUV
––1.2
V
sleep mode or
VS_UVLO1) 4)
5.4.15
Pull-down resistor at BHx to GND
R
BHUV
––80
k
Ω
5.4.16
Pull-down resistor at VREG to GND
R
VRUV
––30
k
Ω
5.4.17
Bias current into BHx
I
BH
––150
µA
V
BHx-VSHx=5...13V;
no switching
5.4.18
Current between BHx and SHx
I
BSH
15
35
60
µA
V
BHx-VSHx=5...13V
5.4.19
Resistor between SHx and GND
R
SHGN
48
80
112
k
Ω
5.4.20
Bias current out of SL
I
SL
––2mA
0V<=VSH<=VS+1
V; no switching;
V
CBS>5V
5.4.21
Input propagation time (low on)
t
P(ILN)
0
–
200
ns
C=11nF; R
Load=1Ω
5.4.22
Input propagation time (low off)
t
P(ILF)
0
–
200
ns
5.4.23
Input propagation time (high on)
t
P(IHN)
0
–
200
ns
5.4.24
Input propagation time (high off)
t
P(IHF)
0
–
200
ns
5.4.25
Absolute input propagation time
difference between above
propagation times
t
P(diff)
–
–
100
ns
VREG
5.4.26
VREG output voltage
V
VREG
11
12.5
14
V
V
VS >= 13,5V;
I
load=37,5mA
5.4.27
VREG over current limitation
I
VREGOCL
100
–
500
mA
no activation of
error;
V
VREG>VVRSD
5.4.28
Voltage drop between Vs and
VREG
V
VsVREG
––0.5
V
V
VS>= 7V;
I
load=37,5mA;
Ron operation
1) Not subject to production test; specified by design
2) Values above 33V not subjected to production test; specified by design
3)
V
diode is the bulk diode of the external low side MOSFET
4) see Chapter 9.2.15
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 33 V, Tj = -40 °C to +150 °C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com