Electronic Components Datasheet Search
  English  ▼

X  

FH202 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FH202
No.6220–8/9
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
59
0
9
.
09
.
5
3
–3
4
.
94
.
8
5
18
3
0
.
00
.
1
79
4
9
.
08
.
4
1
–
0
0
13
7
8
.
02
.
6
6
–0
3
.
80
.
1
4
17
6
0
.
00
.
6
59
4
8
.
01
.
6
2
–
0
5
16
3
8
.
08
.
9
8
–3
0
.
76
.
7
2
14
8
0
.
09
.
4
44
4
7
.
04
.
3
3
–
0
0
25
1
8
.
03
.
6
0
1
–4
9
.
59
.
7
1
15
9
0
.
05
.
7
38
5
6
.
00
.
8
3
–
0
5
24
9
7
.
01
.
9
1
1
–5
0
.
54
.
0
1
10
0
1
.
04
.
2
30
9
5
.
04
.
1
4
–
0
0
34
8
7
.
07
.
8
2
1
–6
3
.
43
.
4
0
14
0
1
.
07
.
8
20
5
5
.
02
.
3
4
–
0
5
39
7
7
.
03
.
6
3
1
–0
9
.
34
.
9
97
0
1
.
00
.
6
28
1
5
.
07
.
4
4
–
0
0
49
6
7
.
01
.
3
4
1
–6
4
.
38
.
4
98
0
1
.
09
.
3
23
9
4
.
08
.
5
4
–
0
5
47
6
7
.
01
.
8
4
1
–3
1
.
33
.
1
98
0
1
.
04
.
2
24
7
4
.
02
.
7
4
–
0
0
56
6
7
.
01
.
2
5
1
–3
8
.
28
.
7
88
0
1
.
07
.
1
23
6
4
.
05
.
8
4
–
VCE=2V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
55
7
7
.
09
.
1
6
–4
5
.
3
23
.
5
4
13
3
0
.
04
.
1
66
3
8
.
04
.
4
3
–
0
0
11
3
7
.
02
.
1
0
1
–1
3
.
7
18
.
4
2
18
4
0
.
05
.
6
44
2
6
.
02
.
5
5
–
0
5
19
0
7
.
03
.
4
2
1
–6
0
.
3
17
.
2
1
16
5
0
.
06
.
9
31
8
4
.
00
.
7
6
–
0
0
24
0
7
.
07
.
6
3
1
–2
2
.
0
15
.
5
0
10
6
0
.
01
.
7
37
8
3
.
08
.
5
7
–
0
5
25
9
6
.
03
.
6
4
1
–3
4
.
82
.
0
0
14
6
0
.
05
.
6
35
3
3
.
04
.
0
8
–
0
0
35
9
6
.
06
.
2
5
1
–9
0
.
72
.
6
96
6
0
.
08
.
6
36
9
2
.
03
.
5
8
–
0
5
35
9
6
.
06
.
7
5
1
–1
2
.
67
.
2
90
7
0
.
02
.
7
30
7
2
.
04
.
7
8
–
0
0
44
9
6
.
00
.
2
6
1
–5
4
.
58
.
9
82
7
0
.
05
.
8
35
4
2
.
04
.
1
9
–
0
5
46
9
6
.
09
.
4
6
1
–4
8
.
45
.
7
85
7
0
.
09
.
9
31
3
2
.
03
.
5
9
–
0
0
54
9
6
.
07
.
7
6
1
–9
3
.
40
.
5
88
7
0
.
05
.
1
42
2
2
.
09
.
7
9
–
VCE=2V, IC=30mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
57
4
6
.
06
.
8
9
–0
5
.
7
39
.
9
2
14
2
0
.
04
.
2
55
6
6
.
06
.
1
6
–
0
0
17
5
6
.
01
.
4
3
1
–6
9
.
2
25
.
1
1
12
3
0
.
08
.
4
48
4
4
.
07
.
0
9
–
0
5
13
6
6
.
05
.
9
4
1
–9
0
.
6
10
.
3
0
17
3
0
.
08
.
4
43
5
3
.
08
.
7
0
1
–
0
0
25
6
6
.
06
.
7
5
1
–3
3
.
2
18
.
7
91
4
0
.
03
.
7
48
0
3
.
08
.
9
1
1
–
0
5
24
6
6
.
02
.
3
6
1
–5
9
.
93
.
4
96
4
0
.
05
.
9
46
8
2
.
01
.
8
2
1
–
0
0
37
6
6
.
03
.
7
6
1
–5
3
.
83
.
1
91
5
0
.
02
.
2
51
7
2
.
09
.
3
3
1
–
0
5
39
6
6
.
02
.
0
7
1
–3
2
.
70
.
9
85
5
0
.
00
.
4
58
5
2
.
09
.
8
3
1
–
0
0
42
7
6
.
00
.
3
7
1
–3
3
.
69
.
6
80
6
0
.
09
.
5
53
5
2
.
04
.
3
4
1
–
0
5
40
7
6
.
09
.
4
7
1
–4
6
.
51
.
5
86
6
0
.
02
.
7
51
5
2
.
05
.
6
4
1
–
0
0
51
7
6
.
06
.
6
7
1
–8
0
.
53
.
3
81
7
0
.
03
.
8
50
5
2
.
04
.
8
4
1
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com