Electronic Components Datasheet Search
  English  ▼

X  

FH202 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FH202
No.6220–5/9
S Parameters (Common emitter) [Tr1]
VCE=5V, IC=7mA, ZO=50Ω
VCE=5V, IC=20mA, ZO=50Ω
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
2
7
.
00
.
6
4
–3
7
9
.
7
15
.
8
4
10
3
0
.
05
.
8
60
8
8
.
06
.
3
2
–
0
0
22
1
6
.
09
.
0
8
–7
2
9
.
3
13
.
7
2
17
4
0
.
01
.
7
57
9
6
.
06
.
7
3
–
0
0
47
9
4
.
03
.
1
2
1
–6
5
6
.
80
.
5
0
16
6
0
.
03
.
1
59
7
4
.
06
.
7
4
–
0
0
66
5
4
.
05
.
3
4
1
–0
8
0
.
68
.
2
99
7
0
.
09
.
2
52
8
3
.
05
.
0
5
–
0
0
80
4
4
.
06
.
7
5
1
–5
2
7
.
43
.
4
84
9
0
.
04
.
5
59
3
3
.
08
.
1
5
–
0
0
0
16
3
4
.
05
.
7
6
1
–4
6
8
.
30
.
7
70
1
1
.
08
.
6
53
2
3
.
04
.
3
5
–
0
0
2
14
3
4
.
01
.
6
7
1
–8
5
2
.
33
.
0
76
2
1
.
09
.
7
52
1
3
.
08
.
5
5
–
0
0
4
13
3
4
.
06
.
6
7
1
–7
4
8
.
25
.
4
63
4
1
.
04
.
8
54
0
3
.
03
.
8
5
–
0
0
6
13
3
4
.
09
.
0
7
1
–9
2
3
.
24
.
7
50
6
1
.
09
.
8
56
9
2
.
00
.
2
6
–
0
0
8
14
3
4
.
00
.
5
6
1
–2
5
2
.
22
.
4
58
7
1
.
06
.
8
53
9
2
.
00
.
5
6
–
0
0
0
29
3
4
.
06
.
9
5
1
–7
5
0
.
22
.
9
47
9
1
.
01
.
8
54
9
2
.
01
.
8
6
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
8
4
.
08
.
8
7
–5
9
7
.
9
29
.
2
3
12
2
0
.
09
.
3
67
0
7
.
02
.
8
3
–
0
0
20
2
4
.
02
.
9
1
1
–8
0
0
.
9
12
.
2
1
13
3
0
.
08
.
0
60
7
4
.
01
.
1
5
–
0
0
41
9
3
.
06
.
1
5
1
–6
1
4
.
0
14
.
5
92
5
0
.
07
.
4
66
9
2
.
03
.
5
5
–
0
0
66
8
3
.
04
.
6
6
1
–4
8
0
.
76
.
6
81
7
0
.
02
.
7
66
3
2
.
01
.
6
5
–
0
0
81
8
3
.
09
.
5
7
1
–7
0
4
.
51
.
0
82
9
0
.
04
.
8
63
1
2
.
06
.
6
5
–
0
0
0
12
8
3
.
02
.
8
7
11
0
4
.
41
.
4
74
1
1
.
08
.
7
68
0
2
.
09
.
7
5
–
0
0
2
15
8
3
.
01
.
2
7
11
0
7
.
35
.
8
64
3
1
.
08
.
6
64
0
2
.
07
.
0
6
–
0
0
4
18
8
3
.
07
.
6
6
17
1
2
.
36
.
3
66
5
1
.
06
.
5
62
0
2
.
05
.
3
6
–
0
0
6
10
9
3
.
01
.
2
6
19
3
8
.
28
.
8
56
7
1
.
00
.
4
69
9
1
.
09
.
7
6
–
0
0
8
11
9
3
.
07
.
6
5
14
3
5
.
23
.
4
57
9
1
.
04
.
2
67
9
1
02
.
1
7
–
0
0
0
24
9
3
.
01
.
2
5
19
1
3
.
21
.
0
59
1
2
.
06
.
0
67
9
1
.
02
.
4
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
5
8
.
04
.
2
3
–3
1
4
.
92
.
7
5
10
4
0
.
06
.
2
75
4
9
.
05
.
6
1
–
0
0
22
8
7
.
07
.
0
6
–7
8
1
.
85
.
8
3
10
7
0
.
02
.
9
53
3
8
.
03
.
9
2
–
0
0
43
5
6
.
01
.
1
0
1
–5
5
8
.
58
.
3
1
11
0
1
.
05
.
4
47
3
6
.
02
.
3
4
–
0
0
68
8
5
.
05
.
6
2
1
–7
3
3
.
44
.
8
94
1
1
.
01
.
9
35
1
5
.
00
.
0
5
–
0
0
87
5
5
.
07
.
3
4
1
–4
4
4
.
37
.
7
82
2
1
.
00
.
8
34
5
4
.
08
.
3
5
–
0
0
0
13
4
5
.
03
.
6
5
1
–1
7
8
.
25
.
8
70
3
1
.
06
.
8
36
2
4
.
01
.
7
5
–
0
0
2
16
3
5
.
08
.
6
6
1
–6
4
4
.
25
.
0
77
3
1
.
03
.
0
47
0
4
.
03
.
0
6
–
0
0
4
13
3
5
.
05
.
5
7
1
–5
4
1
.
25
.
3
66
4
1
.
05
.
2
43
9
3
.
08
.
3
6
–
0
0
6
17
2
5
.
00
.
7
7
14
0
9
.
11
.
7
55
5
1
.
00
.
5
42
8
3
.
00
.
8
6
–
0
0
8
15
2
5
.
03
.
0
7
14
1
7
.
17
.
1
58
6
1
.
03
.
7
49
7
3
00
.
2
7
–
0
0
0
28
2
5
.
08
.
3
6
14
6
5
.
19
.
5
43
8
1
.
02
.
9
48
7
3
.
08
.
5
7
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com