Electronic Components Datasheet Search
  English  ▼

X  

FH202 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Composite Transistor
VCO OSC Circuit Applications
Ordering number:ENN6220
FH202
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0199TS (KOTO) TA-1708 No.6220–1/9
0 to 0.1
0.65
2.0
0.25
12
54
0.15
3
6
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2160
[FH202]
Features
· Composite type with a buffer transistor (2SC5226)
and a oscillator transistors (TS4162) contained in the
currently provided MCP package as a VCO oscilla-
tor, improving the mounting efficiency greatly.
· The FH202 is formed with two chips, being equiva-
lent to the 2SC5245 and TS4162, placed in one
package.
· Optimal for use in oscillator circuit for VHF to UHF
band.
˚C
˚C
1 : Collector1
2 : Emitter1
3 : Collector2
4 : Base2
5 : Emitter2
6 : Base1
SANYO : MCP6
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
6
2
2
5
C
S
2
[
1
r
T
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
2V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
7A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
]
2
6
1
4
S
T
[
2
r
T
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
2
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
2V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
]
s
n
o
i
t
a
c
i
f
i
c
e
p
s
n
o
m
m
o
C
[
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
2W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–


Similar Part No. - FH202

ManufacturerPart #DatasheetDescription
logo
HAKKO Corporation
FH200-01 HAKKO-FH200-01 Datasheet
533Kb / 2P
Heavy Duty Soldering Iron and Tips
Rev 2007-12
FH200-81 HAKKO-FH200-81 Datasheet
423Kb / 2P
Micro Soldering Iron kit
logo
FOOSUNG CO, LTD.
FH20020-24 FOOSUNG-FH20020-24 Datasheet
408Kb / 1P
2.0P HOUSING 24P 6.2H
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
VCO OSC Circuit Applications
More results

Similar Description - FH202

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1312 NTE-NTE1312 Datasheet
21Kb / 3P
Integrated Circuit Vertical OSC, Amp
NTE1496 NTE-NTE1496 Datasheet
26Kb / 3P
Integrated Circuit Vertical/Horizontal OSC & X-Ray Circuit
logo
Sanyo Semicon Device
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
VHF Low-Noise Amplifier , OSC Applications
FH201 SANYO-FH201 Datasheet
75Kb / 8P
VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
VCO OSC Circuit Applications
EC3H08B SANYO-EC3H08B Datasheet
27Kb / 2P
High-Frequency Amp Applications, Osc. Applications
logo
NTE Electronics
NTE1026 NTE-NTE1026 Datasheet
76Kb / 1P
Integrated Circuit Module, Hybrid OSC/Buffer
logo
Sanyo Semicon Device
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
Rohm
BU97530KVT ROHM-BU97530KVT Datasheet
1Mb / 59P
Built-in OSC circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com