Electronic Components Datasheet Search
  English  ▼

X  

FH202 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FH202
No.6220–2/9
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
6
2
2
5
C
S
2
[
1
r
T
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
2
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
5
=
C
A
m
0
2
=
7z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
b
o
C
V B
C
z
H
M
1
=
f
,
V
0
1
=
5
7
.
02
.
1F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
0
2
=
92
1B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
7
=0
.
18
.
1B
d
]
2
6
1
4
S
T
[
2
r
T
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
2
=
C
A
m
3
=
0
80
0
2
h E
F 2V E
C
I
,
V
2
=
C
A
m
0
5
=
0
7
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
=
C
A
m
3
=
0
.
17
.
1z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
b
o
C
V B
C
z
H
M
1
=
f
,
V
0
1
=
1
.
18
.
1F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2
V E
C
I
,
V
2
=
C
z
H
M
0
5
1
=
f
,
A
m
3
=
3
16
1B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
2
=
C
z
H
M
0
5
1
=
f
,
A
m
3
=8
.
10
.
3B
d
Marking : 202
Electrical Connection
5
Cre -- VCB
3
2
1.0
7
0.1
7
5
3
2
5
7
0.1
23
5
7 1.0
23
2
3
57
10
3
2
1.0
7
0.1
7
5
3
2
7
0.1
23
5
7
1.0
23
23
57 10
Cob -- VCB
3
2
100
7
5
3
2
10
7
5
1.0
23
5
7
7
10
23
5
7 100
2
35
hFE -- IC
VCE=5V
[Tr1]
[Tr1]
[Tr1]
[Tr1]
f=1MHz
f=1MHz
2
10
7
5
7
5
3
2
1.0
1.0
23
5
5
77
22
3
7
10
100
fT -- IC
VCE=5V
IT00357
IT00358
IT00359
IT00360
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
B2
B1
TR1
TR2
E2
C1
E1
C2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com