Electronic Components Datasheet Search
  English  ▼

X  

FH202 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FH202
No.6220–7/9
S parameter [Tr2]
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
12
16
20
8
4
VCE=2V
IC=3mA
500MHz
50MHz
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08 0.12 0.16 0.2
VCE=2V
IC=3mA
500MHz
50MHz
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
500
250
150
100
VCE=2V
IC=3mA
500MHz
50MHz
50
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
50
VCE=2V
IC=3mA
500MHz
50MHz
500
250
150
100
IT00375
IT00376
IT00377
IT00378
S22e
f=50MHz to 500MHz(50MHz Step)
S11e
f=50MHz to 500MHz(50MHz Step)
S21e
f=50MHz to 500MHz(50MHz Step)
S12e
f=50MHz to 500MHz(50MHz Step)
S Parameters (Common emitter) [Tr2]
VCE=2V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
55
6
9
.
06
.
5
2
–8
4
.
37
.
3
6
10
4
0
.
03
.
5
75
8
9
.
01
.
7
–
0
0
18
4
9
.
03
.
9
4
–0
3
.
32
.
9
4
15
7
0
.
08
.
2
61
5
9
.
03
.
3
1
–
0
5
12
2
9
.
05
.
9
6
–6
9
.
26
.
6
3
11
0
1
.
08
.
1
57
0
9
.
00
.
8
1
–
0
0
23
0
9
.
00
.
6
8
–5
6
.
23
.
6
2
19
1
1
.
09
.
2
49
5
8
.
07
.
1
2
–
0
5
25
8
8
.
04
.
9
9
–3
3
.
23
.
7
1
11
3
1
.
09
.
5
39
1
8
.
06
.
4
2
–
0
0
33
7
8
.
04
.
0
1
1
–7
0
.
21
.
0
1
19
3
1
.
01
.
0
31
9
7
.
09
.
6
2
–
0
5
36
6
8
.
04
.
9
1
1
–9
8
.
18
.
3
0
15
4
1
.
04
.
5
28
7
7
.
07
.
8
2
–
0
0
44
5
8
.
04
.
7
2
1
–3
7
.
18
.
7
97
4
1
.
02
.
1
23
5
7
.
08
.
0
3
–
0
5
46
4
8
.
09
.
3
3
1
–8
5
.
19
.
2
98
4
1
.
07
.
7
12
4
7
.
07
.
2
3
–
0
0
57
4
8
.
09
.
8
3
1
–4
4
.
15
.
8
88
4
1
.
00
.
5
16
3
7
.
04
.
4
3
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com