Electronic Components Datasheet Search
  English  ▼

X  

LM5119 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5119
Description  Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5119 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5119 Datasheet HTML 1Page - National Semiconductor (TI) LM5119 Datasheet HTML 2Page - National Semiconductor (TI) LM5119 Datasheet HTML 3Page - National Semiconductor (TI) LM5119 Datasheet HTML 4Page - National Semiconductor (TI) LM5119 Datasheet HTML 5Page - National Semiconductor (TI) LM5119 Datasheet HTML 6Page - National Semiconductor (TI) LM5119 Datasheet HTML 7Page - National Semiconductor (TI) LM5119 Datasheet HTML 8Page - National Semiconductor (TI) LM5119 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin
Name
Description
19
RAMP2
PWM ramp signal. An external resistor and capacitor connected between the SW2 pin, the RAMP2
pin and the AGND pin sets the channel2 PWM ramp slope. Proper selection of component values
produces a RAMP2 signal that emulates the current in the buck inductor.
20
CS2
Current sense amplifier input. Connect to the high side of the channel2 current sense resistor.
21
CSG2
Kelvin ground connection to the external current sense resistor. Connect directly to the low side of
the channel2 current sense resistor.
22
PGND2
Power ground return pin for low side MOSFET gate driver. Connect directly to the low side of the
channel2 current sense resistor.
23
LO2
Low side MOSFET gate drive output. Connect to the gate of the channel2 low-side synchronous
MOSFET through a short, low inductance path.
24
VCC2
Bias supply pin. Locally decouple to PGND2 using a low ESR/ESL capacitor located as close to
controller as possible.
25
SW2
Switching node of the buck regulator. Connect to channel2 bootstrap capacitor, the source terminal
of the high-side MOSFET and the drain terminal of the low-side MOSFET.
26
HO2
High side MOSFET gate drive output. Connect to the gate of the channel2 high-side MOSFET
through a short, low inductance path.
27
HB2
High-side driver supply for bootstrap gate drive. Connect to the cathode of the channel2 external
bootstrap diode and to the bootstrap capacitor. The bootstrap capacitor supplies current to charge
the high side MOSFET gate and should be placed as close to the controller as possible.
28
UVLO
Under-voltage lockout programming pin. If the UVLO pin is below 0.4V, the regulator will be in the
shutdown mode with all function disabled. If the UVLO pin is greater than 0.4V and below 1.25V, the
regulator will be in standby mode with the VCC regulators operational, the SS pins grounded and no
switching at the HO and LO outputs. If the UVLO pin voltage is above 1.25V, the SS pins are allowed
to ramp and pulse width modulated gate drive signals are delivered at the LO and HO pins. A 20µA
current source is enabled when UVLO exceeds 1.25V and flows through the external UVLO resistors
to provide hysteresis.
29
VIN
Supply voltage input source for the VCC regulators.
30
HB1
High-side driver supply for bootstrap gate drive. Connect to the cathode of the channel1 external
bootstrap diode and to the bootstrap capacitor. The bootstrap capacitor supplies current to charge
the high side MOSFET gate and should be placed as close to controller as possible.
31
HO1
High side MOSFET gate drive output. Connect to the gate of the channel1 high-side MOSFET
through a short, low inductance path.
32
SW1
Switching node of the buck regulator. Connect to channel1 bootstrap capacitor, the source terminal
of the high-side MOSFET and the drain terminal of the low-side MOSFET.
EP
EP
Exposed pad of LLP package. No internal electrical connections. Solder to the ground plane to reduce
thermal resistance.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com