Electronic Components Datasheet Search
  English  ▼

X  

LM5119 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5119
Description  Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5119 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5119 Datasheet HTML 1Page - National Semiconductor (TI) LM5119 Datasheet HTML 2Page - National Semiconductor (TI) LM5119 Datasheet HTML 3Page - National Semiconductor (TI) LM5119 Datasheet HTML 4Page - National Semiconductor (TI) LM5119 Datasheet HTML 5Page - National Semiconductor (TI) LM5119 Datasheet HTML 6Page - National Semiconductor (TI) LM5119 Datasheet HTML 7Page - National Semiconductor (TI) LM5119 Datasheet HTML 8Page - National Semiconductor (TI) LM5119 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to AGND
-0.3 to 75V
SW1, SW2 to AGND
-3.0 to 75V
HB1 to SW1, HB2 to SW2
-0.3 to 15V
VCC1, VCC2 to AGND
(Note 2)
-0.3 to 15V
FB1, FB2, DEMB, RES,
VCCDIS, UVLO to AGND
-0.3 to 15V
HO1 to SW1, HO2 to SW2
-0.3 to HB+0.3V
LO1, LO2 to AGND
-0.3 to VCC+0.3V
SS1, SS2 to AGND
-0.3 to 7V
EN2, RT to AGND
-0.3 to 7V
CS1, CS2, CSG1, CSG2 to
AGND
-0.3V to 0.3V
PGND to AGND
-0.3V to 0.3V
ESD Rating HBM (Note 3)
2kV
Storage Temperature
-55°C to +150°C
Junction Temperature
+150°C
Operating Ratings (Note 1)
VIN
5.5V to 65V
VCC
5.5V to 14V
HB to SW
5.5V to 14V
Junction Temperature
-40°C to +125°C
Note: COMP1, COMP2, RAMP1, and RAMP2 are output pins. As such they
are not specified to have an external voltage applied.
Electrical Characteristics Limits in standard type are for T
J = 25°C only; limits in boldface type apply over the
junction temperature range of -40°C to +125°C. Unless otherwise specified, the following conditions apply: VIN = 36V, VCC = 8V,
VCCDIS = 0V, EN2 = 5V, R
T = 25kΩ, no load on LO and HO. Electrical characteristics are per channel where applicable. See
(Note 4) and (Note 5).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Supply
I
BIAS
VIN Operating Current
SS1 = SS2 = 0V
6
7.3
mA
VCCDIS = 2V, SS1 = SS2 = 0V
400
550
µA
I
VCC
VCC1 Operating Current
VCCDIS = 2V, SS1 = SS2 = 0V
3.9
4.5
mA
VCC2 Operating Current
VCCDIS = 2V, SS1 = SS2 = 0V
1.4
2.0
mA
I
SHUTDOWN
VIN Shutdown Current
UVLO = 0V, SS1 = SS2 = 0V
18
50
µA
VCC Regulator (Note 6)
V
CC(REG)
VCC Regulation
6.77
7.6
8.34
V
VCC Regulation
VIN = 6V, No external load
5.9
5.95
V
VCC Sourcing Current Limit
VCC = 0V
25
40
mA
VCCDIS Switch Threshold
VCCDIS Rising
1.19
1.25
1.29
V
VCCDIS Switch Hysteresis
0.07
V
VCCDIS Input Current
VCCDIS = 0V
-20
nA
VCC Under-voltage Threshold
Positive going VCC
4.7
4.9
5.2
V
VCC Under-voltage Hysteresis
0.2
V
EN2 Input
V
IL
EN2 Input Low Threshold
2.0
1.5
V
V
IH
EN2 Input High Threshold
2.9
2.5
V
EN2 Input pull-up resistor
50
k
Ω
UVLO
UVLO Threshold
UVLO Rising
1.20
1.25
1.29
V
UVLO Hysterisis Current
UVLO = 1.4V
15
20
25
µA
UVLO Shutdown Threshold
0.4
V
UVLO Shutdown Hysterisis Voltage
0.1
V
Soft Start
SS Current Source
SS = 0V
7
10
13
µA
SS Pull Down R
DSON
10
Ω
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com