Electronic Components Datasheet Search
  English  ▼

X  

LM5119 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5119
Description  Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5119 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5119 Datasheet HTML 7Page - National Semiconductor (TI) LM5119 Datasheet HTML 8Page - National Semiconductor (TI) LM5119 Datasheet HTML 9Page - National Semiconductor (TI) LM5119 Datasheet HTML 10Page - National Semiconductor (TI) LM5119 Datasheet HTML 11Page - National Semiconductor (TI) LM5119 Datasheet HTML 12Page - National Semiconductor (TI) LM5119 Datasheet HTML 13Page - National Semiconductor (TI) LM5119 Datasheet HTML 14Page - National Semiconductor (TI) LM5119 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Detailed Operating Description
The LM5119 high voltage switching regulator features all of
the functions necessary to implement an efficient dual chan-
nel buck regulator that operates over a very wide input voltage
range. The LM5119 may be configured as two independent
regulators or as a single high current regulator with two inter-
leaved channels. This easy to use regulator integrates high-
side and low-side MOSFET drivers capable of supplying peak
currents of 2.5 Amps (VCC = 8V). The regulator control
method is based on current mode control utilizing an emulat-
ed current ramp. Emulated peak current mode control pro-
vides inherent line feed-forward, cycle-by-cycle current
limiting and ease of loop compensation. The use of an emu-
lated control ramp reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable processing of the very
small duty cycles necessary in high input voltage applications.
The switching frequency is user programmable from 50kHz
to 750kHz. An oscillator/synchronization pin allows the oper-
ating frequency to be set by a single resistor or synchronized
to an external clock. An under-voltage lockout and channel2
enable pin allows either both regulators to be disabled or
channel2 to be disabled with full operation of channel1. Fault
protection features include current limiting, thermal shutdown
and remote shutdown capability. The under-voltage lockout
input enables both channels when the input voltage reaches
a user selected threshold and provides a very low quiescent
shutdown current when pulled low. The LLP32 package fea-
tures an exposed pad to aid in thermal dissipation.
High Voltage Start-Up Regulator
The LM5119 contains two internal high voltage bias regula-
tors, VCC1 and VCC2, that provide the bias supply for the
PWM controllers and gate drive for the MOSFETs of each
regulator channel. The input pin (VIN) can be connected di-
rectly to an input voltage source as high as 65 volts. The
outputs of the VCC regulators are set to 7.6V. When the input
voltage is below the VCC set-point level, the VCC output will
track the VIN with a small dropout voltage. If VCC1 is in an
under voltage condition, channel2 will be disabled. This in-
terdependence is necessary to prevent channel2 from run-
ning open loop in the single output interleaved mode when
the channel2 error amplifier is disabled (if either VCC is in UV,
both channels are disabled).
The outputs of the VCC regulators are current limited at 25mA
(minimum) output capability. Upon power-up, the regulators
source current into the capacitors connected to the VCC pins.
When the voltage at the VCC pins exceed 4.9V and the UVLO
pin is greater than 1.25V, both channels are enabled and a
soft-start sequence begins. Both channels remain enabled
until either VCC pin falls below 4.7V, the UVLO pin falls below
1.25V or the die temperature exceeds the thermal limit thresh-
old.
When operating at higher input voltages the bias power dis-
sipation within the controller can be excessive. An output
voltage derived bias supply can be applied to a VCC pins to
reduce the IC power dissipation. The VCCDIS input can be
used to disable the internal VCC regulators when external bi-
asing is supplied. If VCCDIS >1.25V, the internal VCC regu-
lators are disabled. The externally supplied bias should be
coupled to the VCC pins through a diode, preferably a Schot-
tky (low forward voltage). VCCDIS has a 500k
Ω internal pull-
down resistance to ground for normal operation with no
external bias. The internal pull-down resistance can be over-
ridden by pulling VCCDIS above 1.25V through a resistor
divider connected to an external bias supply.
The VCC regulator series pass transistor includes a diode
between VCC and VIN that should not be forward biased in
normal operation.
If the external bias winding can supply VCC greater than VIN,
an external blocking diode is required from the input power
supply to the VIN pin to prevent the external bias supply from
passing current to the input supply through the VCC pins. For
VOUT between 6V and 14.5V, VOUT can be connected di-
rectly to VCC through a diode. For VOUT < 6V, a bias winding
on the output inductor can be added as shown in Figure 2.
30124011
FIGURE 2. VCC Bias Supply with Additional Inductor
Winding
In high voltage applications extra care should be taken to en-
sure the VIN pin does not exceed the absolute maximum
voltage rating of 75V. During line or load transients, voltage
ringing on the VIN line that exceeds the Absolute Maximum
Rating can damage the IC. Both careful PC board layout and
the use of quality bypass capacitors located close to the VIN
and AGND pins are essential.
UVLO
The LM5119 contains a dual level under-voltage lockout (UV-
LO) circuit. When the UVLO pin is less than 0.4V, the LM5119
is in shutdown mode. The shutdown comparator provides
100mV of hysteresis to avoid chatter during transitions. When
the UVLO pin voltage is greater than 0.4V but less than 1.25V,
the controller is in standby mode. In the standby mode the
VCC bias regulators are active but the controller outputs are
disabled. This feature allows the UVLO pin to be used as a
remote enable/disable function. When the VCC outputs ex-
ceed their respective under-voltage thresholds (4.9V) and the
UVLO pin voltage is greater than 1.25V, the outputs are en-
abled and normal operation begins.
An external set-point voltage divider from the VIN to GND is
used to set the minimum VIN operating voltage of the regu-
lator. The divider must be designed such that the voltage at
the UVLO pin will be greater than 1.25V when the input volt-
age is in the desired operating range. UVLO hysteresis is
accomplished with an internal 20
μA current source that is
switched on or off into the impedance of the set-point divider.
When the UVLO pin voltage exceeds 1.25V threshold, the
current source is activated to quickly raise the voltage at the
UVLO pin. When the UVLO pin voltage falls below the 1.25V
threshold, the current source is turned off causing the voltage
at the UVLO pin to quickly fall. The UVLO pin should not be
left floating.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com