Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX1708 step-up converter offers high efficiency
and high integration for high-power applications. It
operates with an input voltage as low as 0.7V and is
suitable for single- to 3-cell battery inputs, as well as
2.5V or 3.3V regulated supply inputs. The output volt-
age is preset to 3.3V or 5.0V or can be adjusted with
external resistors for voltages between 2.5V to 5.5V.
The MAX1708 internal N-channel MOSFET switch is
rated for 5A (RMS value) and can deliver loads to 2A,
depending on input and output voltages. For flexibility,
the current limit and soft-start rate are independently
programmable.
A 600kHz switching frequency allows for a small induc-
tor to be used. The switching frequency is also syn-
chronizable to an external clock ranging from 350kHz
to 1MHz.
ONA, ONB
The logic levels at ONA and ONB turn the MAX1708 on
or off. When ONA = 1 or ONB = 0, the device is on.
When ONA = 0 and ONB = 1, the device is off (Table
1). Logic high on-control can be implemented by con-
necting ONB high and using ONA for shutdown.
Implement inverted single-line on/off control by ground-
ing ONA and toggling ONB. Implement momentary
pushbutton on/off as described in the
Applications
Information section. Both inputs have approximately
0.15V of hysteresis.
Switching Frequency
The MAX1708 switches at the fixed-frequency internal
oscillator rate (600kHz) or can be synchronized to an
external clock. Connect CLK to OUT for internal clock
operation. Apply a clock signal to CLK to synchronize
to an external clock. The MAX1708 will synchronize to a
new external clock rate in two cycles and will take
approximately 40μs to revert to its internal clock fre-
quency once the external clock pulses stop and CLK is
driven high. Table 2 summarizes oscillator operation.
Operation
The MAX1708 switches at a constant frequency
(600kHz) and modulates the MOSFET switch pulse
width to control the power transferred per cycle and
regulate the voltage across the load. In low-noise appli-
cations, the fundamental and the harmonics generated
by the fixed switching frequency are easily filtered out.
Figure 2 shows the simplified functional diagram for the
MAX1708. Figure 3 shows the simplified PWM con-
Figure 1. Standard Operating Circuit
KEEP TRACES
SHORT AND WIDE
ON/OFF
CONTROL
MAX1708
L1
2.2
μH
C1
150
μF
VIN
GND
R1
C3
C4
0.22
μF
GND
REF
SS/LIM
PGND PGND PGND
C5
0.1
μF
FB
GND
OUT
3.3/5
CLK
D1
LX
LX
LX
R2
2
Ω
C2
150
μF
VOUT
+5V
GND
ONA
ONB
KEEP TRACES
SHORT AND WIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com