Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1708EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX1708 sets a new standard of space savings for
high-power, step-up DC-DC conversion. It delivers up
to 10W at a fixed (3.3V or 5V) or adjustable (2.5V to
5.5V) output, using an on-chip power MOSFET from a
0.7V to 5V supply.
Fixed-frequency PWM operation ensures that the
switching noise spectrum is constrained to the 600kHz
fundamental and its harmonics, allowing easy postfilter-
ing for noise reduction. External clock synchronization
capability allows for even tighter noise spectrum con-
trol. Quiescent power consumption is less than 1mW to
extend operating time in battery-powered systems.
Two control inputs (ONA, ONB) allow simple push-on,
push-off control through a single momentary push-but-
ton switch, as well as conventional on/off logic control.
The MAX1708 also features programmable soft-start
and current limit for design flexibility and optimum per-
formance with batteries. The maximum RMS switch cur-
rent rating is 5A. For a device with a higher (10A)
switch current rating, refer to the MAX1709 data sheet.
________________________Applications
Routers, Servers, Workstations, Card Racks
Local 2.5V to 3.3V or 5V Conversion
Local 3.3V to 5V Conversion
3.6V or 5V RF PAs in Communications Handsets
Features
♦ On-Chip 5A Power MOSFET
♦ 5V, 2A Output from a 3.3V Input
♦ Fixed 3.3V or 5V Output Voltage or
Adjustable (2.5V to 5.5V)
♦ Input Voltage Range Down to 0.7V
♦ Low Power Consumption
1mW Quiescent Power
1µA Current in Shutdown Mode
♦ Low-Noise, Constant Frequency Operation
(600kHz)
♦ Synchronizable Switching Frequency
(350kHz to 1000kHz)
♦ Small QSOP Package
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ONB
CLK
3.3/5
PGND
PGND
PGND
FB
OUT
GND
TOP VIEW
MAX1708
QSOP
ONA
LX
GND
LX
LX
SS/LIM
REF
+
Pin Configuration
ONA
REF
SS/LIM
CLK
OUTPUT
3.3V, 5V,
OR ADJ
UP TO 2A
OUT
GND
LX
2.2
μH
OFF ON
INPUT
1V TO 5V
SYNC
OR
INTERNAL
MAX1708
Typical Operating Circuit
19-2068; Rev 1; 11/10
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX1708EEE+
-40°C to +85°C
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX1708EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708EEE MAXIM-MAX1708EEE Datasheet
332Kb / 13P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708EEE MAXIM-MAX1708EEE Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
More results

Similar Description - MAX1708EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
List of Unclassifed Man...
RT9264 ETC-RT9264 Datasheet
170Kb / 8P
HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Maxim Integrated Produc...
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com