Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1708EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: Output voltage is specified at 0.5A switch current ISW, which is equivalent to approximately 0.5A ✕ (VIN / VOUT) of load cur-
rent.
Note 2: Load regulation is measured by forcing specified switch current and straight-line calculation of change in output voltage in
external feedback mode. Note that the equivalent load current is approximately ISW ✕ (VIN / VOUT).
Note 3: Until undervoltage lockout is reached, the device remains in startup mode. Do not apply full load until this voltage is
reached.
Note 4: Startup is tested with Figure 1’s circuit. Output current is measured when both the input and output voltages are applied.
Note 5: Minimum operating voltage. The MAX1708 is bootstrapped and will operate down to a 0.7V input once started.
Note 6: Supply current is measured from the output voltage (3.3V) to the OUT pin. This correlates directly with actual input supply
current but is reduced in value according to the step-up ratio and efficiency.
Note 7: ONA and ONB inputs have approximately 0.15V hysteresis.
Note 8: Guaranteed by design, not production tested.
Note 9: Specifications to -40°C are guaranteed by design, not production tested.
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VCLK = 3.6V, ONA = ONB = FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 9)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5V
0.2
VOUT
Input Low Level (Note 7)
CLK, 2.7V < VOUT < 5.5V
0.2
VOUT
V
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5V
0.8
VOUT
Input High Level
CLK, 2.7V < VOUT < 5.5V
0.8
VOUT
V
Logic Input Current
VONA, VONB, VCLK, V3.3/5 = 0V, 5.5V
-1
1
μA
Internal Oscillator Frequency
500
700
kHz
Maximum Duty Cycle
80
95
%
External Clock Frequency Range
350
1000
kHz
CLK Pulse Width
(Note 8)
100
ns
CLK Rise/Fall Time
(Note 8)
50
Ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com