Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1708EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
_______________________________________________________________________________________
5
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
100
0
0.1
1
1000
10,000
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
10
100
20
40
60
80
VIN = 3.3V
VIN = 2.5V
VOUT = 5V
2.0
-2.0
0.1
1
1000
10,000
LOAD REGULATION
(VIN = 3.3V, VOUT = 5V)
-1.5
0.5
1.0
1.5
OUTPUT CURRENT (mA)
10
100
-1.0
-0.5
0
PLOT NORMALIZED TO IOUT = 500mA
2.0
-2.0
0.1
1
1000
10,000
LOAD REGULATION
(VIN = 2.5V, VOUT = 3.3V)
-1.5
0.5
1.0
1.5
OUTPUT CURRENT (mA)
10
100
-1.0
-0.5
0
PLOT NORMALIZED TO IOUT = 500mA
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.50
1.75
2.00
2.25
2.50
2.75
3.00
LINE REGULATION
(VOUT = 3.3V)
INPUT VOLTAGE (V)
PLOT NORMALIZED TO VIN = 2.5V
IOUT = 500mA
IOUT = 1A
0
5
15
10
20
25
02
1
3
456
NO LOAD INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 5V, VIN INCREASING
VOUT = 3.3V, VIN INCREASING
0
20
10
40
30
60
50
70
02
3
1
456
NO LOAD INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 3.3V, VIN DECREASING
VOUT = 5V, VIN DECREASING
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
2.00
2.50
2.25
2.75 3.00 3.25 3.50 3.75 4.00
LINE REGULATION
(VOUT = 5V)
INPUT VOLTAGE (V)
PLOT NORMALIZED TO VIN = 3.3V
IOUT = 500mA
IOUT = 1A
100
0
0.1
1
1000
10,000
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
10
100
20
40
60
80
VIN = 1.2V
VIN = 2.5V
VOUT = 3.3V
86
87
88
89
90
EFFICIENCY vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
350
650
750
450
550
850
950
VIN = 3.3V, VOUT = 5V, IOUT =1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com