Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
6
_______________________________________________________________________________________
1000
10,000
0
0.2
0.4
0.6
0.8
1.2
1.0
1.6
1.4
1.8
1
10
100
STARTUP VOLTAGE vs. LOAD CURRENT
(VOUT = 5V)
LOAD CURRENT (mA)
TA = -40
°C
TA = +25
°C
TA = +85
°C
2.5
2.0
1.5
1.0
0.5
0
1
100
1000
10
10,000
STARTUP VOLTAGE vs. LOAD CURRENT
(VOUT = 3.3V)
LOAD CURRENT (mA)
TA = -40
°C
TA = +25
°C
TA = +85
°C
2
1
0
-1
-2
-40
10
-15
35
60
85
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOUT = 3.3V
PLOT NORMALIZED TO 25
°C
4000
0
0.1
1
10
NOISE vs. FREQUENCY
FREQUENCY (MHz)
500
1000
2000
1500
3000
3500
2500
RESOLUTION = 1kHz
50
0
250
200
150
100
300
SWITCH CURRENT LIMIT
vs. SS/LIM RESISTANCE
SS/LIM RESISTANCE (k
Ω)
1
2
0
4
5
3
6.0
5.5
5.0
4.5
4.0
-40
10
-15
35
60
85
SWITCH CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 3.3V, VOUT = 5V
1
μs/div
HEAVY SWITCHING WAVEFORM
VOUT
AC-COUPLED
50mV/div
5V
4A
2A
5V
0
0
VLX
5V/div
IL
2A/div
MAX1708 toc11
100
μs/div
LINE TRANSIENT RESPONSE
VOUT
AC-COUPLED
50mV/div
3.5V
3V
5V
VIN
500mV/div
MAX1708 toc12
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com