Electronic Components Datasheet Search
  English  ▼

X  

LA1265 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device LA1265 Datasheet HTML 10Page - Sanyo Semicon Device LA1265 Datasheet HTML 11Page - Sanyo Semicon Device LA1265 Datasheet HTML 12Page - Sanyo Semicon Device LA1265 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LA1265
No.1820-9/15
Test Circuit : SW2
Unit (resistance :
Ω, capacitance : F)
T0 : YT-30177 (Mitsumi)
T1 : HW-40184 (Mitsumi)
T2 : HW-40174 (Mitsumi)
T3a : HW-40130, T3b : HW-40131 (Mitsumi)
Variable capacitor PVC 22KTL (Mitsumi)
Supply voltage, VCC – V
AM VCC Characteristics
Current
drain,
ICC
No signal
Detection output (Input=100dBµ)
Output 20V sensitivity
LED lighting sensitivity
Input
Input
S meter voltage
Input
Dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com