Electronic Components Datasheet Search
  English  ▼

X  

LA1265 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1265 Datasheet HTML 1Page - Sanyo Semicon Device LA1265 Datasheet HTML 2Page - Sanyo Semicon Device LA1265 Datasheet HTML 3Page - Sanyo Semicon Device LA1265 Datasheet HTML 4Page - Sanyo Semicon Device LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LA1265
No.1820-5/15
–
Parameter Frequency
–
Admittance
Unit
IF
γi1
10.7MHz
ri
330
Ω
ci
20
pF
FM
–
Parameter Frequency
–
RF
γi19
1MHz
ri
ro
ci
Admittance
Unit
k
Ω
pF
AGC-off (V16=1.4V)
AGC-on (V16=2.5V)
15
16
4
4
MIX
γo17
500kHz
co
k
Ω
pF
–
–
3
3
ri
IF
γi15
500kHz
co
k
Ω
pF
2
2
10
8
AM
6. If the coupling coefficient of the local OSC coil is small and an antiresonance point of approximately 100MHz is
present or the stray capacitance across pins 22 and 21 is large, a parasitic oscillation of approximately 100MHz may
occur in the buffer output (pin 22). In this case, connect a capacitance of approximately 30pF across pin 22 and GND.
7. AM OSC coil
Generally speaking, the following should be noted. Avoid winding with loose coupling between primary side and
secondary side (especially SW1, SW2). To put it concretely, the pot core type is better than the screw core type which
is loose in coupling. This prevents the local OSC frequency from turning third resonance frequency related to the
coupling coefficient.
8. Resistance across pin 8 and VDD.
If pin 8 is used for the stop signal (SD) only, without using LED, it is recommended to fix
resistance RL across pin 8 and GND to be 51kΩ to 100kΩ.
9. To prevent whistle from worsening, make the pattern of AM output pin 12 as short as
possible.
Input/Output Admittance
Test Circuit : FM, AM-MW
T1 4147-1457-177 (Sumida)
T2 HW-40174 (Mitsumi)
T3a HW-40130, T3b HW-40131 (Mitsumi)
Unit (resistance :
Ω, capacitance : F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com