Electronic Components Datasheet Search
  English  ▼

X  

LA1265 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1265 Datasheet HTML 1Page - Sanyo Semicon Device LA1265 Datasheet HTML 2Page - Sanyo Semicon Device LA1265 Datasheet HTML 3Page - Sanyo Semicon Device LA1265 Datasheet HTML 4Page - Sanyo Semicon Device LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LA1265
No.1820-4/15
3. Local OSC buffer output
• When local OSC buffer output wave form is saw-toothed at the SW mode, connect a resistance of 1.2k
Ω or
thereabouts across pin 22 and GND.
4. AM input pin
• It is desirable that the AM input pin (pin 19) be L-coupled to pin 18.
• Inputting to pin 19 can be done by DC-cutting with a capacitor. However, an unbalance in the RF amplifier
(differential amplifier) causes gain drop and whistle worsening.
5. Capacitance across pin 9 and GND.
A large capacitance across pin 9 and GND may cause a misstop
at an adjacent channel when the channel select speed is made
faster at the automatic channel select mode. In this case, decrease
the capacitance across pin 9 and GND. However, if too
decreased, the LED will flutter at low modulation frequencies at
the time of detuning. Therefore, it is recommended to fix the
capacitance across pin 9 and GND to be 3.3µF to 10µF. The
relation between modulation frequency and demodulation output
voltage on pin 9 with the capacitance across pin 9 and GND as a
parameter is shown right.
• LED lighting sensitivity setting for FM.
– For the LED lighting sensitivity setting for FM, the IC
input may be 45dBµ to 60dBµ. With the variations in the
front end considered, it is ideal that the IC input in a
standard receiving set be 51dBµ to 54dBµ. The lower
value of VR2 for the LED lighting sensitivity setting is as
illustrated right. Since the variations in the front end cause
the IC input setting sensitivity to vary, it is recommended
to use a value of VR2 at an input voltage lower than a
standard setting by 6dB or greater. For example, if IC
input 53dBµ is taken as a standard, use VR2
≤100kΩ at IC
input 47dBµ.
2. AM/FM changeover
• Two selections are available for changeover as shown below
: (A) pin 17-used method and (B) pin 18-used method.
• For (A), the voltage on pin 17 relative to VCC (pin 7) must be within the range of –0.8V to +0.1V. If not within this
range, distortion and selectivity will get worse.
• For (A), a resistance of 68k
Ω at the IFT cold terminal, which is used to prevent the changeover circuit from
malfunctioning, must be connected.
(A) pin 17-use method for AM/FM changeover
(B) Pin 18-used method for AM/FM changeover
IC input – dBµ
Semifixed Variable Resistor for FM
LED lighting sensitivity setting for FM
Ideal setting range
Modulation frequency – Hz
V9 – Modulation Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com