Electronic Components Datasheet Search
  English  ▼

X  

LA1265 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device LA1265 Datasheet HTML 10Page - Sanyo Semicon Device LA1265 Datasheet HTML 11Page - Sanyo Semicon Device LA1265 Datasheet HTML 12Page - Sanyo Semicon Device LA1265 Datasheet HTML 13Page - Sanyo Semicon Device LA1265 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LA1265
No.1820-10/15
IEC input voltage – dBµ
Detection output
SW2 Input/Output Characteristics
IEC input voltage – dBµ
SW2 Input/Output Characteristics
Receiving frequency, fr – MHz
Usable
sensitivity
Image
sensitivity
Max.
sensitivity
Input
at detection
output
20mV
Frequency, f – Hz
8.5MHz Spurious Characteristics
IEC input voltage – dBµ
Detection
output
SW2 Input/Output Characteristics
Noise
voltage
Noise
voltage
Detection output
Noise
voltage
Detection output
Referenced to output –20dBm
Receiving frequency, fr – MHz
8.5 to 9.4MHz Spurious Characteristics
Referenced to output –20dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com