Electronic Components Datasheet Search
  English  ▼

X  

LA1265 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1265 Datasheet HTML 1Page - Sanyo Semicon Device LA1265 Datasheet HTML 2Page - Sanyo Semicon Device LA1265 Datasheet HTML 3Page - Sanyo Semicon Device LA1265 Datasheet HTML 4Page - Sanyo Semicon Device LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LA1265
Ordering number : EN1820C
FM/AM Tuner of Electronic Tuning Type
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
N2897HA (KT)/40194HK/O077KI/D095KI/2255KI, TS No.1820-1/15
Functions
FM : IF amplifier, quadrature detector, AF preamplifier,
signal meter, tuning indicator drive output (common
with stop signal, muting drive output).
AM : RF amplifier, MIX, OSC (with ALC), IF amplifier,
detector, AGC, signal meter, tuning indicator drive
output (common with stop signal).
Features
• Minimum number of external parts required.
• Excellent S/N.
• Local OSC with ALC.
• Local OSC buffer.
• Tuning indicator pin (common with narrow-band stop
signal and muting drive output).
Package Dimensions
unit : mm
3059-DIP22S
[LA1265]
SANYO : DIP22S
• Variable stop sensitivity (variable separately for FM, AM)
• Low whistle.
• Signal meter pin.
Specifications
Maximum Ratings at Ta=25°C, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pins 7, 8, 17
16
V
Flow-in current
I8
Pin 8
20
mA
Flow-out current
I20
Pin 20
1
mA
I22
Pin 22
2
mA
Allowable power dissipation
Pd max
Ta
≤60°C
650
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage VCC
8.5
V
Operating voltage range
VCC op
6 to 14
V


Similar Part No. - LA1265

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1260 SANYO-LA1260 Datasheet
924Kb / 14P
FM/AM Tuner System for Radio-Casette Recorders, Music Centers
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
FM/AM Tuner of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
LED ARRAY
More results

Similar Description - LA1265

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
Integrated Circuit AM Tuner w/Electronic Tuning
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
AM/FM TUNER
S1A2297X01 SAMSUNG-S1A2297X01 Datasheet
104Kb / 6P
AM/FM TUNER
logo
Sanyo Semicon Device
LA1245 SANYO-LA1245 Datasheet
326Kb / 11P
AM Electronic Tuner
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
FM/AM Tuner of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
AM/FM Tuner
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
AM ELECTRONIC TUNER
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com