Electronic Components Datasheet Search
  English  ▼

X  

HR120 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HR120
Description  ??0째C to 85째C operation 50 V for up to 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR120 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HR120 Datasheet HTML 1Page - Interpoint Corporation Company HR120 Datasheet HTML 2Page - Interpoint Corporation Company HR120 Datasheet HTML 3Page - Interpoint Corporation Company HR120 Datasheet HTML 4Page - Interpoint Corporation Company HR120 Datasheet HTML 5Page - Interpoint Corporation Company HR120 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
recommended operating conditions
inhibit
absolute maximum ratings
input Voltage
• 16 to 40 VDC
• 19 to 40 VDC 15 volt outputs
output power
• 12 watts (10 watts HR121-2805)
Lead soldering temperature (10 sec per pin)
• 300°C
storage temperature range (case)
• –55°C to +125°C
typical characteristics
output Voltage temperature coefficient
• 150 ppm/°C, typical
input to output capacitance, 50 pF, typical
current Limit, 125% of full load, typical
isolation, 100 megohm minimum at 500 V
conversion Frequency, 600 kHz typical
inhibit pin Voltage (unit enabled), 8 to 11 V
input Voltage range
• 16 to 40 VDC continuous
• 19 to 40 VDC continuous 15 volt outputs
• 50 V for 50 msec transient
case operating temperature (tc)
• –40°C to +85°C full power
derating output power/current
• Linearly from 100% at 85°C to 0% at 115°C
inhibit ttL open collector
• Logic low (output disabled)
Logic low 0.8 V max
Inhibit pin current 4 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1.Indefinite short circuit protection not guaranteed above 85°C case temperature.
DUAL OUTPUT mODeLs
HR122-2812
HR122-2815
units
paRaMeteR
ConDitions
Min
typ
MaX Min typ MaX
output Voltage
+ Vout
11.88 12.0 12.12
11.82 12.0 12.18
14.85 15.0 15.15
14.77 15.0 15.23
VDC
- Vout
output CuRRent1, 2
—
0.5
1.0 —
0.4
0.8
A
output poWeR2
+ Vout
—
—
10.8
—
—
10.8
—
—
12
—
—
10.8
—
—
10.8
—
—
12
W
- Vout
total
output Ripple
10 kHz to 2 MHz
—
30
60 —
30
60
mV p-p
line Regulation
Min to MaX Vin
+ Vout
—
5
50
—
30
150
—
5
50
—
30
150
mV
- Vout
loaD Regulation
no loaD to Full
+ Vout
—
5
50
—
30
150
—
5
50
—
30
150
mV
- Vout
CRoss Regulation
20% to 80% loaD3
—
5
10
—
4
5
—
4
8
—
3
5
%
50% loaD4
input Voltage
Continuous
16
28
32
—
—
50
16
28
32
—
—
50
VDC
tRansient
50 ms
input CuRRent
no loaD
—
25
35
—
—
545
—
1.9
3
—
25
35
—
—
540
—
1.9
3
mA
Full loaD
inhibiteD
input Ripple CuRRent
10 kHz to 2 MHz
—
175
240 —
175
240
ma p-p
eFFiCienCy
78
81
— 80
83
—
%
loaD Fault5
poWeR Dissipation
oVeRloaD
—
—
2.8
—
—
5
—
—
2
—
—
5
W
shoRt CiRCuit
staRt
-up
Delay
—
150
250 —
150
250
ms
HR120
SERIES
12 WATT
DC/DC Converters
www.interpoint.com
Page 2 of 6
HR120 Rev C - 20090904



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com