Electronic Components Datasheet Search
  English  ▼

X  

HR120 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # HR120
Description  ??0째C to 85째C operation 50 V for up to 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR120 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  HR120 Datasheet HTML 1Page - Interpoint Corporation Company HR120 Datasheet HTML 2Page - Interpoint Corporation Company HR120 Datasheet HTML 3Page - Interpoint Corporation Company HR120 Datasheet HTML 4Page - Interpoint Corporation Company HR120 Datasheet HTML 5Page - Interpoint Corporation Company HR120 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.000
0.160 (4.06)
0.960 (24.38)
1
2 3 4 5
0.030 dia.
(0.76)
8
7
6
BOTTOM VIEW CASE E1
Projection Weld
Squared corner and dot on top
of case indicate pin one.
1.130 max. (28.70)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal.
Seal Hole: 0.080 ±0.002 (2.03 ±0.05)
Case E1, Rev D, 20090707
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2009 Interpoint Corp. All rights reserved.
FiguRe 11: Case e1
HR120
SERIES
12 WATT
DC/DC Converters
www.interpoint.com
Page 5 of 6
HR120 Rev C - 20090904



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com