Electronic Components Datasheet Search
  English  ▼

X  

HR120 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR120
Description  ??0째C to 85째C operation 50 V for up to 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR120 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR120 Datasheet HTML 1Page - Interpoint Corporation Company HR120 Datasheet HTML 2Page - Interpoint Corporation Company HR120 Datasheet HTML 3Page - Interpoint Corporation Company HR120 Datasheet HTML 4Page - Interpoint Corporation Company HR120 Datasheet HTML 5Page - Interpoint Corporation Company HR120 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
model number key
HR12
2 - 28 12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(1 = single, 2 = dual)
Notes
1.Applies to both outputs.
2.Maximum combined output power is 12 watts. A maximum of 90% is
available from either output.
3.20% to 80% load on the positive output and 80% to 20% on the
negative output. See Figure 8.
4.50% load on the positive output and 50% to 20% load on the nega-
tive output. 50% load on the negative output and
50% to 20% load on the positive output. See Figure 7.
5.Indefinite short circuit protection not guaranteed above 85°C case
temperature.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
pin out
BOTTOM VIEW
HR120
Squared corner and dot on
top of cover indicate pin one.
1
2
3
4
5
8
7
6
FiguRe 1: pin out
See case E1 for dimensions
pin
single output
dual output
1
Inhibit
Inhibit
2
No connection Positive Output
3
Output Common Output Common
4
Positive Output Negative Output
5
No connection No connection
6
Case Ground
Case Ground
7
Input Common Input Common
8
Positive Input
Positive Input
sIngLe OUTPUT mODeLs
HR121-2805
HR121-2812
HR121-2815
units
paRaMeteR
ConDitions
Min
typ
MaX Min typ MaX Min
typ
MaX
output Voltage
4.95
5.0
5.05 11.88 12 12.12 14.85 15 15.15
VDC
output CuRRent
—
—
2.0 —
—
1.0 —
—
0.8
A
output poWeR
Min to MaX Vin
—
—
10 —
—
12 —
—
12
W
output Ripple
10 kHz to 2 MHz
—
40
60 —
30
60 —
25
50
mV p-p
line Regulation
Min to MaX Vin
—
10
50 —
10
50 —
10
50
mV
loaD Regulation
no loaD to Full
—
10
50 —
10
50 —
10
50
mV
input Voltage
no loaD to Full
16
28
40
—
—
50
16
28
40
—
—
50
16
28
40
—
—
50
VDC
tRansient
50 ms
input CuRRent
no loaD
—
20
30
—
—
478
—
2
3
—
20
30
—
—
548
—
2
3
—
20
30
—
—
535
—
2
3
mA
Full loaD
inhibiteD
input Ripple CuRRent
10 kHz to 2 MHz
—
135
180 —
150
200 —
150
220
mA p-p
eFFiCienCy
74
77
— 77
81
— 80
83
—
%
loaD Fault1
poWeR Dissipation
oVeRloaD
—
—
5
—
—
3.5
—
—
5
—
—
2.8
—
—
5
—
—
2
W
shoRt CiRCuit
staRt
-up
Delay
—
180
300 —
80
200 —
150
250
ms
HR120
SERIES
12 WATT
DC/DC Converters
www.interpoint.com
Page 3 of 6
HR120 Rev C - 20090904



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com