Electronic Components Datasheet Search
  English  ▼

X  

HR120 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HR120
Description  ??0째C to 85째C operation 50 V for up to 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR120 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HR120 Datasheet HTML 1Page - Interpoint Corporation Company HR120 Datasheet HTML 2Page - Interpoint Corporation Company HR120 Datasheet HTML 3Page - Interpoint Corporation Company HR120 Datasheet HTML 4Page - Interpoint Corporation Company HR120 Datasheet HTML 5Page - Interpoint Corporation Company HR120 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, unless otherwise specified.
FiguRe 5
Output Power (Watts)
HR122-2812 Efficiency
50
90
80
70
60
2
4
6
8
10
12
16V
40V
28V
14
Output Power (Watts)
HR121-2805 Efficiency
50
90
80
70
60
2
4
6
8
10
12
28V
14
40V
16V
FiguRe 2
Output Power (Watts)
HR121-2812 Efficiency
50
90
80
70
60
2
4
6
8
10
12
16V
40V
28V
14
FiguRe 3
Output Power (Watts)
HR122-2815 Efficiency
50
90
80
70
60
2
4
6
8
10
12
19V
40V
28V
14
FiguRe 6
FiguRe 4
Output Power (Watts)
HR121-2815 Efficiency
50
90
80
70
60
2
4
6
8
10
12
19V
40V
28V
14
Output Load (%)
Positive Output 20% to 80% Load
Negative Output 80% to 20% Load
HR122 Negative Output Voltage
Cross Regulation
–20
0
20
40
60
80
100
–10
–5
–15
0
5
10
15
20
2812
2815
FiguRe 8
Output Power (Watts)
50 mV Drop
HR121 Low Line Dropout
11
2
4
6
8
10
12
14
13
14
12
15
16
17
18
19
2812
2815
2805
FiguRe 9
FiguRe 10
Output Power (Watts)
50 mV Drop
HR122 Low Line Dropout
11
2
4
6
8
10
12
14
13
14
12
15
16
17
18
19
2812
2815
FiguRe 7
Output Load (%)
Condition A: 50% Load Pos. Vout, 50% to 20% Neg. Vout
Condition B: 50% Load Neg. Vout, 50% to 20% Pos. Vout
HR122 Negative Output Voltage
Cross Regulation
–10
0
10
2
30
40
50
–6
–4
–8
0
2
4
6
10
2815
2812
Cond. B
Cond. A
2812
8
2
HR120
SERIES
12 WATT
DC/DC Converters
www.interpoint.com
Page 4 of 6
HR120 Rev C - 20090904



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com