Electronic Components Datasheet Search
  English  ▼

X  

HR120 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HR120
Description  ??0째C to 85째C operation 50 V for up to 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR120 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HR120 Datasheet HTML 1Page - Interpoint Corporation Company HR120 Datasheet HTML 2Page - Interpoint Corporation Company HR120 Datasheet HTML 3Page - Interpoint Corporation Company HR120 Datasheet HTML 4Page - Interpoint Corporation Company HR120 Datasheet HTML 5Page - Interpoint Corporation Company HR120 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
description
The HR120 Series™ of DC/DC converters offers up to 12 watts of
power from single or dual outputs in a single package over a –40°C to
+85°C temperature range. Thick film hybrid manufacturing technology
produces high levels of miniaturization, giving the HR120 Series
converters a low profile (0.330 inch), small board area (1.65 square
inches), and high power density (22 watt/in3).
The parts are packaged in sealed steel enclosures, making them ideal
for use in high reliability applications. Each unit is guaranteed to pass
a hermeticity test with a maximum leak rate of 0.001 atm-cc/sec.
Design MethoDology
The HR120 converters are switching regulators which use a quasi-
square wave, single ended forward converter design with a nominal
switching frequency of 600 kHz. Isolation between input and output
circuits is provided with a transformer in the forward power loop and
a temperature insensitive optical link in the feedback control loop.
Output regulation is accomplished with constant frequency pulse width
modulation. Both line and load regulation are typically within 10 mV.
On dual output models, the positive output is independently regulated
and the negative output is cross-regulated. Figures 7 and 8 illustrate
what effects load changes have on the negative output.
Indefinite short circuit protection and overload protection are provided
by sensing output load current and restricting the output current to
approximately 125% of full load output current. Since the output
current is sensed in the secondary stage, the result is a predictable,
constant output current control with no foldback characteristics. HR120
converters are provided with internal filtering elements on both the
input and output to help reduce the need for external components.
WiDe Voltage Range
The 5 and 12 volt output models provide full power operation over the
input voltage range of 16 to 40 volts (19 to 40 volts for 15 volt output
models). Operation below 16 volts (or below 19 volts for the 15 volt
output models), including operation in MIL-STD-704E emergency
power conditions, is possible with derated output power. Please refer
to the low voltage drop-out graphs, Figures 9 and 10.
The HR120 Series provides full power operation at case temperatures
from –40°C up to +85°C. Depending on operating levels, air flow, and
ambient temperature, heat sinking may be required.
inhibit FeatuRe
An inhibit terminal is provided that can be used to disable internal
switching, resulting in a very low quiescent input current. An open
collector TTL compatible low (≤0.8 V) is required to control the inhibit
function. This level may be supplied by an open collector gate since
the inhibit pin is provided with an internal pull-up resistor.
MODELS
VDC output
single
5
12
15
Dual
±12
±15
Features
• –40°C to +85°C operation
• 16 to 40 VDC input (19 to 40 VDC input for
15 volt output models)
• 50 V for up to 50 ms transient protection
• Fully isolated
• Fixed high frequency switching
• Inhibit function
• Indefinite short circuit protection
• Up to 83% efficiency
Size (max.): 1.460 x 1.130 x 0.330 inches (37.08 x 28.70 x 8.38 mm)
See case E1 for dimensions.
Weight:
21 grams typical.
Screening: Standard only. See “HR Industrial Non-QML Products
– Environmental Screening” table for screening description.
HR120
SERIES
12 WATT
DC/DC Converters
28 volt Input
not reCoMMenDeD For neW DesIGns
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • power@crane-eg.com
www.interpoint.com
Page 1 of 6
HR120 Rev C - 20090904


Similar Part No. - HR120

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR1200 MPS-HR1200 Datasheet
3Mb / 54P
High-Performance Digital PFCLLC Combo Controller
logo
List of Unclassifed Man...
HR1206F-10GJI ETC1-HR1206F-10GJI Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
HR1206F-10GKI ETC1-HR1206F-10GKI Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
HR1206F-10GYI ETC1-HR1206F-10GYI Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
logo
IRC - a TT electronics ...
HR1206F1000KT IRCTT-HR1206F1000KT Datasheet
182Kb / 2P
High Value Surface Mount Resistor
More results

Similar Description - HR120

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
-40째C to 85째C operation Transient protection 50 V for 50 ms
HR300 INTERPOINT-HR300 Datasheet
449Kb / 6P
??0째 to 85째C operation Fixed frequency switching
HR700 INTERPOINT-HR700 Datasheet
480Kb / 7P
??0째C to 85째C operation 50 V for 50 ms transient protection
MFW2812D INTERPOINT-MFW2812D_10 Datasheet
491Kb / 7P
??5째C to 85째C operation 50 V for 50 ms transient protection
MTO812T INTERPOINT-MTO812T Datasheet
548Kb / 6P
??5째C to 85째 C operation 50 V for 50 ms transient protection
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Freescale Semiconductor...
MC9RS08LE4CWL FREESCALE-MC9RS08LE4CWL Datasheet
528Kb / 28P
Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature range of ??0째C to 85째C
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
Ultra-fast settling time (down to 50 ms)
logo
Wall Industries,Inc.
DCQEB50 WALL-DCQEB50 Datasheet
644Kb / 5P
Up to 50 Watts Output Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com