Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3S Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MOR286R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3S Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MOR286R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Model nuMbering key
MOR 28 05 S Y / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case/Lead Option
(Standard case – U2 – has no designator
in this position)
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator in this position.)
sMd nuMbers
Standard Microcircuit
drawing (SMd)
Mor SiMilar Part
5962-9954401HXC
MOR283R3S/883
5962-9954801HXC
MOR2805S/883
5962-9954501HXC
MOR286R3S/883
5962-9954601HXC
MOR289R5S/883
5962-9954901HXC
MOR2812S/883
5962-9955001HXC
MOR2815S/883
5962-9956401HXC
MOR283R3D/883
5962-9956101HXC
MOR2805D/883
5962-9956501HXC
MOR286R3D/883
5962-9956601HXC
MOR289R5D/883
5962-9956201HXC
MOR2812D/883
5962-9956301HXC
MOR2815D/883
The models listed have the standard U2 case option. In
the DSCC number “X” is the equivalent of the standard
U2 case.
For exact specifications for an SMD product, refer to
the SMD drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
Model selection
on the lineS below, enter one Selection froM each category to deterMine the Model nuMber.
category
Mor28
___________ /
Base Model and
Input Voltage
Output Voltage 1
Number of Outputs 2
Case/Lead
Options 3
Screening 4
3r3
s
(U2 leave blank)
(STANDARD leave blank)
MOR28 is the only
available option
05
d
V
es
selection
6r3
W
883
9r5
y
12
z
15
Notes:
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out.
2. Number of Outputs: S is a single output and D is a dual output
3. Case Options: For the standard case (case U2) leave the case option blank. For other case options, insert the letter that corresponds to the desired case.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Screening
Tables 1 and 2.
cases: sMd and similar part number
Standard Microcircuit
drawing (SMd)
Mor SiMilar Part
X
STANDARD CASE (U2)
U
V
T
W
Y
Y
Z
Z
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 8 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com