Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3S Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MOR286R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3S Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MOR286R3S Datasheet HTML 1Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
description
With up to 120 watts of output power, the MOR Series™ of DC/
DC converters operates from a standard 28 volt bus and offers
a wide input range of 16 to 40 VDC. Full operation over the
military temperature range, -55°C to +125°C, makes the MOR
Series an ideal choice for military, aerospace, space, and other
high reliability applications. In compliance with MIL-STD-704D,
the converters will withstand transients of up to 50 volts for up
to 120 milliseconds. Use Interpoint’s FMCE-1528 EMI filter to
meet the requirements of MIL-STD-461C CE03 and CS01 and/or
MIL-STD-461D, E and F CE102 and CS101 levels of conducted
emissions.
The converters are offered with standard screening, “ES”
screening, or fully compliant to “883” MIL-PRF-38534 Class H
screening. Standard microcircuit drawings (SMD) are available.
The MOR Series converters incorporate a single-ended forward
topology which uses a constant frequency Pulse Width Modulator
(PWM) current mode control design and switches at 550 kHz,
nominal.
Short CirCuit ProteCtion
The converters also provide short circuit protection by restricting
the current to 125% of the full load output current, typical.
inhibit FunCtion
All models offer two inhibits, one referenced to input common
and one referenced sense return (single output models) or to
output common (dual output models). A remote sense function is
available on single output models.
trim FunCtion
Using the trim function, the MOR Series can provide any output
from 2 to 33 VDC. For example, trimming the two 15 volt outputs
of the 15 dual (MOR2815D) to 14 volts, and then stacking the
outputs will provide a 28 volt output.
outPut Voltage oPtionS
The MOR Series converters are capable of providing other
output voltage options in addition to those characterized on this
datasheet. Contact your sales representative to discuss other
output voltage options, www.interpoint.com/contacts.
uS PatentS
Interpoint converters may use one or more of the following US
patents 5,521,807, 5,694,303, and 5,631,822.
Features
parallel operation with current share,
up to 5 units (540 watts)
output flexibility, trim of 60% to 110%
Operating temperature -55° to +125°C
•
Input voltage 16 to 40 VDC
•
Transient protection 50 V for 120 ms
•
Fully isolated, magnetic feedback
•
Fixed high frequency switching
•
Remote sense on single output models
•
Inhibit function
•
Sync In and Sync Out
•
Indefinite short circuit protection
•
High power density with up to 87% efficiency
•
MODELS
VDC OUTPUT
SingleS
3.3
5
6.3
9.5
12
15
dualS
±3.3
±5
±6.3
±9.5
±12
±15
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 24
28 Volt input – 120 Watt
MOR Rev K - 20100422


Similar Part No. - MOR286R3S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MOR286R3S CRANE-MOR286R3S Datasheet
625Kb / 21P
MOR Single and Dual DC/DC Converters
MOR286R3S/883 CRANE-MOR286R3S/883 Datasheet
625Kb / 21P
MOR Single and Dual DC/DC Converters
MOR286R3S/ES CRANE-MOR286R3S/ES Datasheet
625Kb / 21P
MOR Single and Dual DC/DC Converters
MOR286R3SV CRANE-MOR286R3SV Datasheet
625Kb / 21P
MOR Single and Dual DC/DC Converters
MOR286R3SV/883 CRANE-MOR286R3SV/883 Datasheet
625Kb / 21P
MOR Single and Dual DC/DC Converters
More results

Similar Description - MOR286R3S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Sparkle Power Inc.
FSP600-60BR3 SPI-FSP600-60BR3 Datasheet
77Kb / 1P
540 Watts N1 Redundant Switching Power Supply
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
Parallel operation with current share, up to 3 units (228 watts)
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
ETA-USA
ZMP-SX-F-TD ETA-USA-ZMP-SX-F-TD Datasheet
2Mb / 5P
500W Current sharing (??D??, up to 4 units can be paralleled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com