Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3S Datasheet(PDF) 15 Page - Interpoint Corporation Company

Part # MOR286R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3S Datasheet(HTML) 15 Page - Interpoint Corporation Company

Back Button MOR286R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 12Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 13Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 14Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 15Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 16Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 17Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 18Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 19Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Typical Performance Curves: 25°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Figure 35
Figure 36
Figure 37
Figure 32
Figure 33
Figure 34
MOR2815S Output Ripple (Vout)
1 µs/div
MOR2815S Input Ripple (Iin)
10 µs/div
MOR2805S Turn On Response
2.5 ms/div
Vin
Vout
All combinations of line and load
MOR2805S Inhibit Release Inrush Current
5 ms/div
Iin
Vout
With and without 470 µF cap. load
MOR2805S Step Line Response
Vout
Vin
Vout
Vin
1 ms/div
18 to 40 V, 40 to 18 V
MOR2805S Step Load Response
100 µs/div
50 - 100%
Step Load
100 -50%
Step Load
Figure 38
Figure 39
Figure 40
MOR2815S Step Load Response
100 -50%
Step Load
100 µs/div
50 - 100%
Step Load
MOR2815S Step Line Response
50 µs/div
Vout
Vin
Vout
Vin
18 to 40 V, 40 to 18 V, 50% load
MOR2815S Turn On Response
2.5 ms/div
Vin
Vout
All combinations of line and load
Crane Aerospace & Electronics Power Solutions
Page 15 of 24
28 Volt input – 120 Watt
www.interpoint.com
MOR Rev K - 20100422
Mor single and dual dc/dc converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com