Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3S Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MOR286R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3S Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MOR286R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 12Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 13Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Notes:
1. guaranteed by design, not tested.
2. Short circuit is measured with a 10 m ohm (±10%) resistive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 µs
5. Tested on release from inhibit.
SINGLE OUTPUT MODELS
MOR289R5S
MOR2812S
MOR2815S
Parameter
ConditionS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
unitS
outPut Voltage
9.31
9.50
9.69
11.76 12.00 12.24 14.70 15.00 15.30
VDC
outPut Current
Vin = 16 to 40 VdC
0
—
11
0
—
9.2
0
—
8
A
outPut Power
Vin = 16 to 40 VdC
0
—
105
—
—
110
—
—
120
W
outPut riPPle
10 khz - 20 mhz
—
75
120
—
75
120
—
75
150
mV p-p
10 khz - 2 mhz
—
50
80
—
50
100
—
50
120
line regulation
Vin = 16 to 40 VdC
—
0
40
—
0
20
—
0
40
mV
load regulation
no load to Full
—
0
95
—
0
100
—
0
100
mV
inPut Voltage
ContinuouS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 ms1
—
—
50
—
—
50
—
—
50
V
inPut Current
no load
—
70
150
—
70
150
—
70
150
inhibited–inh1
—
—
10
—
—
10
—
—
10
mA
inhibited–inh2
—
—
70
—
—
70
—
—
70
inPut riPPle Current
10 khz - 20 mhz
—
50
130
—
50
130
—
50
130
mA p-p
eFFiCienCy
80
84
—
83
86
—
83
87
—
%
load Fault
Power diSSiPation
oVerload 1
—
—
30
—
—
30
—
—
30
W
Short CirCuit 2
—
—
24
—
—
22
—
—
20
reCoVery 1
—
—
10
—
—
10
—
—
10
ms
SteP load reSPonSe
50% - 100% - 50%
tranSient
—
—
500
—
—
600
—
—
600
mV pk
reCoVery 3
—
—
300
—
—
300
—
—
300
µs
SteP line reSPonSe
16 - 40 - 16 VdC
tranSient 1, 4
—
—
500
—
—
600
—
—
600
mV pk
reCoVery 1, 3
—
—
300
—
—
300
—
—
300
µs
Start-uP 5
delay
—
—
10
—
—
10
—
—
10
ms
oVerShoot 1
—
—
50
—
—
50
—
—
50
mV pk
CaPaCitiVe load 1
no eFFeCt on dC
PerFormanCe
—
—
1000
—
—
1000
—
—
1000
µF
Electrical Characteristics: -55 to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 10 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com